Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-41681-B06A228 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # A-41681-B06A228
Description  KK 396 PCB Header, Breakaway, Vertical, Polarizing Wall, 6 Circuits, 0.76um Gold (Au) Selective Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

A-41681-B06A228 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  A-41681-B06A228 Datasheet HTML 1Page - Molex Electronics Ltd. A-41681-B06A228 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
A-41681-B06A228
Reference - Drawing Numbers
Product Specification
PS-08-50
Sales Drawing
SD-41681-001
This document was generated on 07/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - A-41681-B06A228

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41681-B06A228 MOLEX5-A-41681-B06A228 Datasheet
165Kb / 6P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Polarizing Wall, 6 Circuits
More results

Similar Description - A-41681-B06A228

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41681-0024 MOLEX11-41681-0024 Datasheet
55Kb / 2P
   KK 396 PCB Header, Breakaway, Vertical, Polarizing Wall, 2 Circuits, 0.76um Gold (Au) Selective Plating
41681-0027 MOLEX11-41681-0027 Datasheet
55Kb / 2P
   KK 396 PCB Header, Breakaway, Vertical, Polarizing Wall, 5 Circuits, 0.76um Gold (Au) Selective Plating
41681-0046 MOLEX11-41681-0046 Datasheet
55Kb / 2P
   KK 396 PCB Header, Breakaway, Vertical, Polarizing Wall, 24 Circuits, 0.76um Gold (Au) Selective Plating
41681-0031 MOLEX11-41681-0031 Datasheet
55Kb / 2P
   KK 396 PCB Header, Breakaway, Vertical, Polarizing Wall, 9 Circuits, 0.76um Gold (Au) Selective Plating
41681-0023 MOLEX11-41681-0023 Datasheet
55Kb / 2P
   KK 396 PCB Header, Breakaway, Vertical, Polarizing Wall, 24 Circuits, 0.38um Gold (Au) Selective Plating
41681-0003 MOLEX11-41681-0003 Datasheet
55Kb / 2P
   KK 396 PCB Header, Breakaway, Vertical, Polarizing Wall, 4 Circuits, 0.38um Gold (Au) Selective Plating
41661-0036 MOLEX11-41661-0036 Datasheet
56Kb / 2P
   KK 396 Breakaway Header, Vertical, 14 Circuits, 0.76um Gold (Au) Selective Plating
41661-0032 MOLEX11-41661-0032 Datasheet
56Kb / 2P
   KK 396 Breakaway Header, Vertical, 10 Circuits, 0.76um Gold (Au) Selective Plating
41661-0046 MOLEX11-41661-0046 Datasheet
56Kb / 2P
   KK 396 Breakaway Header, Vertical, 24 Circuits, 0.76um Gold (Au) Selective Plating
41661-0033 MOLEX11-41661-0033 Datasheet
56Kb / 2P
   KK 396 Breakaway Header, Vertical, 11 Circuits, 0.76um Gold (Au) Selective Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com