Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP130 Datasheet(PDF) 1 Page - Savantic, Inc.

Part # TIP130
Description  Silicon NPN Darlington Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

TIP130 Datasheet(HTML) 1 Page - Savantic, Inc.

  TIP130 Datasheet HTML 1Page - Savantic, Inc. TIP130 Datasheet HTML 2Page - Savantic, Inc. TIP130 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Darlington Power Transistors
TIP130/131/132
DESCRIPTION
·With TO-220C package
·DARLINGTON
·Collector saturation voltage
·Complement to type TIP135/136/137
APPLICATIONS
·Designed for general-purpose amplifier
and low speed switching applications
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
ABSOLUTE MAXIMUM RATINGS(Tc=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
TIP130
60
TIP131
80
VCBO
Collector-base voltage
TIP132
Open emitter
100
V
TIP130
60
TIP131
80
VCEO
Collector-emitter voltage
TIP132
Open base
100
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current-DC
8
A
ICM
Collector current-peak
12
A
IB
Base current-DC
0.3
A
PC
Collector power dissipation
TC=25
70
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal resistance junction to case
1.785
/W


Similar Part No. - TIP130

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP130 MOSPEC-TIP130 Datasheet
150Kb / 3P
   POWER TRANSISTORS(8.0A,60-100V,70W)
logo
Power Innovations Ltd
TIP130 POINN-TIP130 Datasheet
141Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP130 STMICROELECTRONICS-TIP130 Datasheet
41Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP130 TEL-TIP130 Datasheet
72Kb / 2P
   PLASTIC POWER TRANSISTORS
logo
Inchange Semiconductor ...
TIP130 ISC-TIP130 Datasheet
105Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results

Similar Description - TIP130

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
Quanzhou Jinmei Electro...
2SD2439 JMNIC-2SD2439_15 Datasheet
88Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD1895_2015 JMNIC-2SD1895_2015 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2386 ISC-2SD2386 Datasheet
83Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1895 JMNIC-2SD1895 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SC3144 SAVANTIC-2SC3144 Datasheet
99Kb / 3P
   Silicon NPN Darlington Power Transistors
2SC3146 SAVANTIC-2SC3146 Datasheet
96Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2386 SAVANTIC-2SD2386 Datasheet
126Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2439 SAVANTIC-2SD2439 Datasheet
142Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2560 SAVANTIC-2SD2560 Datasheet
147Kb / 3P
   Silicon NPN Darlington Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com