Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMC-C197 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMC-C197
Description  3296 - 3/8 Square Trimpot Trimming Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMC-C197 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HSMC-C197 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMC-C197 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMC-C197 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMC-C197 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMC-C197 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMC-C197 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMC-C197 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMC-C197 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMC-C197 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Optical Characteristics at TA = 25˚C
Part Number
Color
Luminous
Intensity
IV (mcd)
@ 20 mA[1]
Color,
Peak
Wavelength
Opeak (nm)
Dominant
Wavelength
Od[2] (nm)
Viewing
Angle
2
T1/2
Degrees[3]
Luminous
Efficacy
KV
(lm/w)
Min.
Typ.
Typ.
Typ.
Typ.
Typ.
HSMA-C120
Amber
28.5
90
595
592
155
480
HSMA-C177/197
Amber
28.5
90
595
592
130
480
HSMA-C265
Amber
28.5
75
595
592
150
480
HSMC-C120
Red
28.5
90
637
626
155
155
HSMC-C177/197
Red
28.5
90
637
626
130
155
HSMC-C265
Red
28.5
75
637
626
150
155
HSML-C120
Orange
28.5
90
609
605
155
370
HSML-C177/197
Orange
28.5
90
609
605
130
370
HSML-C265
Orange
28.5
75
609
605
150
370
HSMT-C177/197
Deep Red
11.2
30
660
639
130
70
HSMT-C265
Deep Red
11.2
25
660
639
150
70
Notes:
1. The luminous intensity, IV, is measured at the peak of the spatial radiation pattern which may not be aligned with the mechanical axis of the
lamp package.
2. The dominant wavelength,
Od, is derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
3.
T1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.


Similar Part No. - HSMC-C197

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSMC-C190 ETC1-HSMC-C190 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-C190 AVAGO-HSMC-C190 Datasheet
420Kb / 11P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMC-C190 BOARDCOM-HSMC-C190 Datasheet
191Kb / 9P
   High Performance ChipLED
logo
List of Unclassifed Man...
HSMC-C191 ETC1-HSMC-C191 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-C191 AVAGO-HSMC-C191 Datasheet
420Kb / 11P
   High Performance ChipLED
More results

Similar Description - HSMC-C197

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3296W-1-203 BOURNS-3296W-1-203 Datasheet
183Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296Y-1-104LF BOURNS-3296Y-1-104LF Datasheet
189Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296Y-1-101LF BOURNS-3296Y-1-101LF Datasheet
176Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296X-1-103 BOURNS-3296X-1-103 Datasheet
183Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296W-1-101 BOURNS-3296W-1-101 Datasheet
193Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296W-1-202 BOURNS-3296W-1-202 Datasheet
176Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296X-1-503 BOURNS-3296X-1-503 Datasheet
176Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
3296X-1-203 BOURNS-3296X-1-203 Datasheet
183Kb / 2P
   3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296W-1-204 BOURNS-3296W-1-204 Datasheet
183Kb / 2P
   3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296Z-1-102LF BOURNS-3296Z-1-102LF Datasheet
183Kb / 2P
   3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com