Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4503WLTRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4503WLTRT
Description  1.3MHz Step-Up Switching Regulator with 1.4A Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4503WLTRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4503WLTRT Datasheet HTML 3Page - Semtech Corporation SC4503WLTRT Datasheet HTML 4Page - Semtech Corporation SC4503WLTRT Datasheet HTML 5Page - Semtech Corporation SC4503WLTRT Datasheet HTML 6Page - Semtech Corporation SC4503WLTRT Datasheet HTML 7Page - Semtech Corporation SC4503WLTRT Datasheet HTML 8Page - Semtech Corporation SC4503WLTRT Datasheet HTML 9Page - Semtech Corporation SC4503WLTRT Datasheet HTML 10Page - Semtech Corporation SC4503WLTRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
 2007 Semtech Corp.
www.semtech.com
SC4503
POWER MANAGEMENT
Switch Current Limit
vs Shutdown Pin Voltage
0.0
0.5
1.0
1.5
2.0
2.5
1.2
1.4
1.6
1.8
2.0
Shutdown Pin Voltage (V)
25°C
-40°C
85°C
D = 50%
Switch Current Limit
vs Shutdown Pin Voltage
0.0
0.5
1.0
1.5
2.0
2.5
1.2
1.4
1.6
1.8
2.0
Shutdown Pin Voltage (V)
25°C
-40°C
85°C
D = 80%
Shutdown Pin
Thresholds vs Temperature
0.0
0.5
1.0
1.5
-50
-25
0
255075
100 125
Temperature (°C)
Switching
Shutting Down To IIN < 1µA
Shutdown Pin Current
vs Shutdown Pin Voltage
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Shutdown Pin Voltage (V)
25°C
-40°C
85°C
Shutdown Pin Current
vs Shutdown Pin Voltage
0
10
20
30
40
50
60
70
0
5
10
15
20
Shutdown Pin Voltage (V)
25°C
-40°C
85°C
VIN Quiescent Current
vs Shutdown Pin Voltage
0
200
400
600
800
1000
0.0
0.5
1.0
1.5
2.0
Shutdown Pin Voltage (V)
25°C
-40°C
125°C
VIN = 3V
VFB = 1.5V
Typical Characteristics (Cont.)


Similar Part No. - SC4503WLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4503 SEMTECH-SC4503 Datasheet
1Mb / 22P
   1.3MHz Step-Up Switching Regulator with 1.4A Switch
SC4503EVB SEMTECH-SC4503EVB Datasheet
1Mb / 22P
   1.3MHz Step-Up Switching Regulator with 1.4A Switch
SC4503TSKTRT SEMTECH-SC4503TSKTRT Datasheet
1Mb / 22P
   1.3MHz Step-Up Switching Regulator with 1.4A Switch
More results

Similar Description - SC4503WLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4503 SEMTECH-SC4503 Datasheet
1Mb / 22P
   1.3MHz Step-Up Switching Regulator with 1.4A Switch
logo
Linear Technology
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT1936 LINER-LT1936 Datasheet
298Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
   Dual Monolithic 1.4A Step-Down Switching Regulator
logo
Semtech Corporation
SC2308A SEMTECH-SC2308A Datasheet
741Kb / 17P
   600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
logo
Linear Technology
LT1940 LINER-LT1940 Datasheet
256Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
logo
Monolithic Power System...
EV0034 MPS-EV0034 Datasheet
178Kb / 4P
   2A, 1.3MHz Step-Up Converter
logo
Linear Technology
LT1940 LINER-LT1940_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
logo
Linear Dimensions Semic...
LT1940LEFE LINEAR_DIMENSIONS-LT1940LEFE Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com