Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS04A12T3V3 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GS04A12T3V3
Description  MAX Guard??ESD Suppressor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS04A12T3V3 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  GS04A12T3V3 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS04A12T3V3 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS04A12T3V3 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS04A12T3V3 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS04A12T3V3 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS04A12T3V3 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS04A12T3V3 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS04A12T3V3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MAX Guard
 ESD Suppressor
(Low Capacitance Series)
Document No
TGS-XX0S001C
Issued date
2013/8/30
Page
7/8
TA-I TECHNOLOGY CO., LTD
12. Recommend IR – Reflow profile : (solder : Sn96.5 / Ag3 / Cu0.5)
Peak : 250
0
5
, 5 sec
Pre – heat Zone : 150 to 180℃, 90±30 sec
Soldering Zone : 230℃ or higher , 30±10 sec
13. ECN
Engineering Change Notice: The customer will be informed with ECN if there is significant
modification on the characteristics and materials described in Approval Sheet.
14. Manufacturing Country & City :
TA-I TECHNOLOGY CO., LTD. ( Taiwan – Tao Yuan )
Tel: 886-3-3246169
Fax : 886-3-3246167
Associated companies :
(1) FORTUNE TASK RESISTOR FACTORY ( China – Dong Guan )
Tel : 86-769-83394790 Fax : 86-769-83394794
(2) TA-I TECHNOLOGY ( SU ZHOU ) CO., LTD. ( China – Su Zhou)
Tel :86- 512-63457879 Fax : 86-512-63457869
(3) TAI OHM ELECTRONICS ( M ) SDN. BHD. ( Malaysia – Pulaupinang )
Tel :604- 3900480
Fax : 604-3901481
(4) P.T.TAI ELECTRONICS Indonesia ( Indonesia – Jakarta )
Tel :62-21-89830123 Fax : 62-21-89830703


Similar Part No. - GS04A12T3V3

ManufacturerPart #DatasheetDescription
logo
ITT Industries
GS04MABE ITT-GS04MABE Datasheet
230Kb / 2P
   Sealed Ultraminiature Slide Switches
logo
C&K Components
GS04MABE CK-COMPONENTS-GS04MABE Datasheet
223Kb / 2P
   Sealed Ultraminiature Slide Switches
logo
ITT Industries
GS04MCBE ITT-GS04MCBE Datasheet
230Kb / 2P
   Sealed Ultraminiature Slide Switches
logo
C&K Components
GS04MCBE CK-COMPONENTS-GS04MCBE Datasheet
223Kb / 2P
   Sealed Ultraminiature Slide Switches
logo
ITT Industries
GS04MSABE ITT-GS04MSABE Datasheet
230Kb / 2P
   Sealed Ultraminiature Slide Switches
More results

Similar Description - GS04A12T3V3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UGS04A03T3V3 ETC-UGS04A03T3V3 Datasheet
638Kb / 8P
   MAX Guard ESD Suppressor
TGS06A12T30 ETC-TGS06A12T30 Datasheet
614Kb / 8P
   MAX Guard Transient Voltage Suppressor
logo
American Accurate Compo...
UMSA24A03T1V1 AAC-UMSA24A03T1V1 Datasheet
66Kb / 1P
   Ultra-Low Capacitance MAX Guard ESD Suppressor Array (High Frequency Type)
MS04A03T1V1 AAC-MS04A03T1V1 Datasheet
59Kb / 1P
   MS Low Capacitance MAX Guard짰 ESD Suppressor
MSA24A03T1V1 AAC-MSA24A03T1V1 Datasheet
66Kb / 1P
   MSA Low Capacitance MAX Guard짰 ESD Suppressor Array
logo
Moda-InnoChips Co., Ltd...
ULCE0505C015FR ICT-ULCE0505C015FR Datasheet
90Kb / 5P
   ESD Suppressor
logo
Eaton All Rights Reserv...
0603ESDA-TR1 EATON-0603ESDA-TR1 Datasheet
783Kb / 3P
   ESD suppressor
logo
Panasonic Semiconductor
EZA-EG2A50AX PANASONIC-EZA-EG2A50AX Datasheet
94Kb / 2P
   ESD Suppressor
logo
Eaton All Rights Reserv...
0603ESDA2-TR2 EATON-0603ESDA2-TR2 Datasheet
494Kb / 3P
   ESD suppressor
logo
Moda-InnoChips Co., Ltd...
ULCE1005A015FR ICT-ULCE1005A015FR Datasheet
90Kb / 5P
   ESD Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com