Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ18A Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SMAJ18A
Description  TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SMAJ18A Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SMAJ18A Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAJ18A Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAJ18A Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAJ18A Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TRR
Industry No.
TRR
House No.
Marking Code
Breakdown
Voltage at IT
(1)
V(BR) (V)
Test
Current
Stand-off
Voltage
Maximum
Reverse
Leakage
at VWM
Maximum
Peak Pulse
Surge
Current
(2)
Maximum
Clamping
Voltage
at IPPM
UNI
BI
Min
Max
IT (mA) VWM (V)
ID (µA)
IPPM (A)
VC (V)
SMAJ5.0
4AT5
AD
WD
6.40
7.82
10.0
5.0
800
41.7
9.6
SMAJ5.0A
4AT5A
AE
WE
6.40
7.07
10.0
5.0
800
43.5
9.2
SMAJ6.0
4AT6
AF
WF
6.67
8.15
10.0
6.0
800
35.1
11.4
SMAJ6.0A
4AT6A
AG
WG
6.70
7.37
10.0
6.0
800
38.8
10.3
SMAJ6.5
4AT6.5
AH
WH
7.22
8.82
10.0
6.5
500
32.5
12.3
SMAJ6.5A
4AT6.5A
AK
WK
7.22
7.98
10.0
6.5
500
35.7
11.2
SMAJ7.0
4AT7
AL
WL
7.78
9.51
10.0
7.0
200
30.1
13.3
SMAJ7.0A
4AT7A
AM
WM
7.78
8.60
10.0
7.0
200
33.3
12.0
SMAJ7.5
4AT7.5
AN
WN
8.33
10.2
1.0
7.5
100
28.0
14.3
SMAJ7.5A
4AT7.5A
AP
WP
8.33
9.21
1.0
7.5
100
31.0
12.9
SMAJ8.0
4AT8
AQ
WQ
8.89
10.9
1.0
8.0
50
26.7
15.0
SMAJ8.0A
4AT8A
AR
WR
8.89
9.83
1.0
8.0
50
29.4
13.6
SMAJ8.5A
4AT8.5
AS
WS
9.44
11.5
1.0
8.0
10
25.2
15.9
SMAJ8.5A
4AT8.5A
AT
WT
9.44
10.4
1.0
8.5
10
27.8
14.4
SMAJ9.0
4AT9
AU
WU
10.0
12.2
1.0
8.5
5.0
23.7
16.9
SMAJ9.0A
4AT9A
AV
WV
10.0
11.1
1.0
9.0
5.0
26.0
15.4
SMAJ10
4AT10
AW
WW
11.1
13.6
1.0
10
1.0
21.3
18.8
SMAJ10A
4AT10A
AX
WX
11.1
12.3
1.0
10
1.0
23.5
17.0
SMAJ11
4AT11
AY
WY
12.2
14.9
1.0
11
1.0
19.9
20.1
SMAJ11A
4AT11A
AZ
WZ
12.2
13.5
1.0
11
1.0
22.0
18.2
SMAJ12
4AT12
BD
XD
13.3
16.3
1.0
12
1.0
18.2
22.0
SMAJ12A
4AT12A
BE
XE
13.3
14.7
1.0
12
1.0
20.1
19.9
SMAJ13
4AT13
BF
XF
14.4
17.6
1.0
13
1.0
16.8
23.8
SMAJ13A
4AT13A
BG
XG
14.4
15.9
1.0
13
1.0
18.6
21.5
SMAJ14
4AT14
BH
XH
15.6
19.1
1.0
14
1.0
15.5
25.8
SMAJ14A
4AT14A
BK
XK
15.6
17.2
1.0
14
1.0
17.2
23.2
SMAJ15
4AT15
BL
XL
16.7
20.4
1.0
15
1.0
14.9
26.9
SMAJ15A
4AT15A
BM
XM
16.7
18.5
1.0
15
1.0
16.4
24.4
SMAJ16
4AT16
BN
XN
17.8
21.8
1.0
16
1.0
13.9
28.8
SMAJ16A
4AT16A
BP
XP
17.8
19.7
1.0
16
1.0
15.4
26.0
SMAJ17
4AT17
BQ
XQ
18.9
23.1
1.0
17
1.0
13.1
30.5
SMAJ17A
4AT17A
BR
XR
18.9
20.9
1.0
17
1.0
14.5
27.6
SMAJ18
4AT18
BS
XS
20.0
24.4
1.0
18
1.0
12.4
32.2
SMAJ18A
4AT18A
BT
XT
20.0
22.1
1.0
18
1.0
13.7
29.2
SMAJ20
4AT20
BU
XU
22.2
27.1
1.0
20
1.0
11.2
35.8
SMAJ20A
4AT20A
BV
XV
22.2
24.5
1.0
20
1.0
12.3
32.4
SMAJ22
4AT22
BW
XW
24.4
29.8
1.0
22
1.0
10.2
39.4
SMAJ22A
4AT22A
BX
XX
24.4
26.9
1.0
22
1.0
11.3
35.5
SMAJ24
4AT24
BY
XY
26.7
32.6
1.0
24
1.0
9.3
43.0
SMAJ24A
4AT24A
BZ
XZ
26.7
29.5
1.0
24
1.0
10.3
38.9
SMAJ26
4AT26
CD
YD
28.9
35.3
1.0
26
1.0
8.6
46.6
SMAJ26A
4AT26A
CE
YE
28.9
31.9
1.0
26
1.0
9.5
42.1
SMAJ28
4AT28
CF
YF
31.1
38.0
1.0
28
1.0
8.0
50.0
SMAJ28A
4AT28A
CG
YG
31.1
34.4
1.0
28
1.0
8.8
45.4
SMAJ30
4AT30
CH
YH
33.3
40.7
1.0
30
1.0
7.5
53.5
SMAJ30A
4AT30A
CK
YK
33.3
36.8
1.0
30
1.0
8.3
48.4
SMAJ33
4AT33
CL
YL
36.7
44.9
1.0
33
1.0
6.8
59.0
Notes:
(1) Pulse test : Tp ≦ 50ms
(2) Surge current waveform Per Fig. 3 and derate Per Fig. 2
(3) Ratings at 25°C ambient temperature unless otherwise specified.
http://www.trr-jx.com
SMAJ5.0 THRU SMAJ188A
TRANSIENT VOLTAGE SUPPRESSORS


Similar Part No. - SMAJ18A

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
SMAJ18A SAMYANG-SMAJ18A Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
logo
Jinan Gude Electronic D...
SMAJ18A JGD-SMAJ18A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ18A SOCAY-SMAJ18A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMAJ18A LUGUANG-SMAJ18A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
Jiangsu High diode Semi...
SMAJ18A HDSEMI-SMAJ18A Datasheet
1Mb / 7P
   SMAK Plastic-Encapsulate Diodes
More results

Similar Description - SMAJ18A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com