Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL10GTNR10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RL10GTNR10
Description  Alloy Film Chip Resistors Low Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RL10GTNR10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RL10GTNR10 Datasheet HTML 1Page - List of Unclassifed Manufacturers RL10GTNR10 Datasheet HTML 2Page - List of Unclassifed Manufacturers RL10GTNR10 Datasheet HTML 3Page - List of Unclassifed Manufacturers RL10GTNR10 Datasheet HTML 4Page - List of Unclassifed Manufacturers RL10GTNR10 Datasheet HTML 5Page - List of Unclassifed Manufacturers RL10GTNR10 Datasheet HTML 6Page - List of Unclassifed Manufacturers RL10GTNR10 Datasheet HTML 7Page - List of Unclassifed Manufacturers RL10GTNR10 Datasheet HTML 8Page - List of Unclassifed Manufacturers RL10GTNR10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TA -I
Alloy Film Chip Resistors
Low Resistance (Standard)
Halogen-Free
Document No TRL-XX0S001O
Issued date
2014/08/06
Page.
2 / 10
TA-I TECHNOLOGY CO., LTD
+0.10
-0.05
4. Dimensions :
UNIT: mm
Type
L
W
C
d
t
RL04
1.00
0.50 ±0.05
0.20 ±0.10
0.25 ±0.10
0.35 ±0.05
RL06
1.60 ±0.10
0.80 ±0.10
0.30 ±0.20
0.35 ±0.20
0.45 ±0.10
RL10
2.00 ±0.10
1.25 ±0.10
0.40 ±0.20
0.35 ±0.20
0.50 ±0.10
RL12
3.10 ±0.20
1.55 ±0.10
0.50 ±0.30
0.40 ±0.20
0.55 ±0.10
RL20
5.00 ±0.20
2.50 ±0.20
0.60 ±0.30
0.50 ±0.25
0.55 ±0.10
RL25
6.30 ±0.20
3.20 ±0.20
0.60 ±0.30
0.50 ±0.25
0.55 ±0.10
5. Electrical characteristics :
Characteristics
Feature
Measurement Method
RL04
RL06 RL10 RL12 RL20 RL25
Power Ratings (W)
1/16W
1/8W 1/4W 1/2W 3/4W
1W
JIS Code 3A / JIS Code
3D
Resistance Value (m
)
100 ~ 910
Refer to JIS C 5201-1-4.5
T.C.R ( ppm /
oC )
100~500mΩ: ±300
501~910mΩ: ±200
±
200
Refer to JIS C 5201-1-4.8
Operation Temperature Range(
oC)
-55 ~ +155
Resistance Tolerance (%)
 1%,  2%,  5%
JIS C 5201-1-4.2.5
Insulation Resistance (M
)
Over 100
Refer to JIS C 5201-1-4.6
Maximum Working Voltage (V)
( P * R )
1/2
Note : Except for the above standardized products, we also provide the customized products.


Similar Part No. - RL10GTNR10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL10GTNR050 ETC-RL10GTNR050 Datasheet
715Kb / 9P
   Alloy Film Chip Resistors Low Resistance
More results

Similar Description - RL10GTNR10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL25FENR020 ETC-RL25FENR020 Datasheet
574Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL10FTNR050 ETC-RL10FTNR050 Datasheet
715Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RL12JTNR050 ETC-RL12JTNR050 Datasheet
655Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RBL10FTR030 ETC-RBL10FTR030 Datasheet
600Kb / 9P
   Alloy Film Low Resistance Chip Resistors
RL13FTNR020 ETC-RL13FTNR020 Datasheet
796Kb / 9P
   Alloy Film Chip Resistors Low Resistance
RMD10JT100 ETC-RMD10JT100 Datasheet
902Kb / 11P
   Alloy Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6BWFR020V PANASONIC-ERJ-6BWFR020V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
   Thick Film Chip Resistors/ Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
   Thick Film Chip Resistors / Low Resistance Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com