Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV06E050T050- Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MV06E050T050-
Description  Multilayer Chip Varistor for Surge
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MV06E050T050- Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  MV06E050T050- Datasheet HTML 1Page - List of Unclassifed Manufacturers MV06E050T050- Datasheet HTML 2Page - List of Unclassifed Manufacturers MV06E050T050- Datasheet HTML 3Page - List of Unclassifed Manufacturers MV06E050T050- Datasheet HTML 4Page - List of Unclassifed Manufacturers MV06E050T050- Datasheet HTML 5Page - List of Unclassifed Manufacturers MV06E050T050- Datasheet HTML 6Page - List of Unclassifed Manufacturers MV06E050T050- Datasheet HTML 7Page - List of Unclassifed Manufacturers MV06E050T050- Datasheet HTML 8Page - List of Unclassifed Manufacturers MV06E050T050- Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Multilayer Chip Varistor for Surge and
ESD Protection
– E Type Series
Document No
TMVE-XXOS001C
Issued date
2012/02/13
Page
7/9
TA-I TECHNOLOGY CO., LTD
8.5 IR reflow Pb Free Process suggestion profile
(1) The solder recommend is Sn96.5/Ag 3.5 of 120 to 150µm
(2) Ramp-up rate (217℃ to Peak) + 3℃/second max
(3) Temp. maintain at 175 +/-25℃ 180 seconds max
(4) Temp. maintain above 217℃ 60-150 seconds
(5) Peak temperature range 245℃+20℃/-10℃ time within 5℃ of actually peak
temperature (tp) 10~20 seconds
(6) Ramp down rate +6 ℃/second max.
※ Perform adequate test in advance, as the reflow temperature profile will vary according to the
conditions of the manufacturing process, and the specification of the reflow furnace.
8.6 Resistance to soldering heat-High Temperature Resistance:
260℃,10sec-3times.
8.7 Hand Soldering
In hand soldering of the Varistors. Large temperature gradient between
preheated the Varistors and the tip of soldering iron may cause electrical failures and
mechanical damages such as cracking or breakings of the devices. The soldering
shall be carefully controlled and carried out so that the temperature gradient is kept
minimum with following recommended conditions for hand soldering.
8.7.1 Recommended Soldering Condition 1
(1) Solder:
0.12~0.18mm Thread solder (Sn96.5:Ag3.5) with soldering flux in the core.
Rosin-based and non-activated flux is recommended.
(2) Preheating:
The Varistors shall be preheated so that Temperature Gradient between the
devices and the tip of soldering iron is 150℃ or below.
(3) Soldering Iron:
Rated Power of 20w max with 3mm soldering tip in diameter. Temperature of
soldering iron tip 380℃max,3-5sec ( The required amount of solder shall be
melted in advance on the soldering tip.)
(4) Cooling:
After soldering. The Varistors shall be cooled gradually at room ambient
temperature.


Similar Part No. - MV06E050T050-

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV06L04T-080 ETC-MV06L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV06L06T-120 ETC-MV06L06T-120 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV06L11T-180 ETC-MV06L11T-180 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV06L14T-240 ETC-MV06L14T-240 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV06L17T-270 ETC-MV06L17T-270 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
More results

Similar Description - MV06E050T050-

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
logo
WALSIN TECHNOLOGY CORPO...
MLV_VZ WALSIN-MLV_VZ Datasheet
1,011Kb / 49P
   MULTILAYER CHIP VARISTOR
logo
RFE international
JMV0805S090T781 RFE-JMV0805S090T781 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H ABRACON-AMCV-1210H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1210H-300-T ABRACON-AMCV-1210H-300-T Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-0201 ABRACON-AMCV-0201 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com