Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ78 Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SMBJ78
Description  TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SMBJ78 Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SMBJ78 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SMBJ78 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SMBJ78 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. SMBJ78 Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TRR
Industry No.
TRR
House No.
Marking Code
Breakdown
Voltage at IT
(1)
V(BR) (V)
Test
Current
Stand-off
Voltage
Maximum
Reverse
Leakage
at VWM
Maximum
Peak Pulse
Surge
Current
(2)
Maximum
Clamping
Voltage
at IPPM
UNI
BI
Min
Max
IT (mA) VWM (V)
ID (µA)
IPPM (A)
VC (V)
SMBJ5.0
6BT5
KD
AD
6.40
7.82
10.0
5.0
800
62.5
9.6
SMBJ5.0A
6BT5A
KE
AE
6.40
7.07
10.0
5.0
800
65.2
9.2
SMBJ6.0
6BT6
KF
AF
6.67
8.15
10.0
6.0
800
52.6
11.4
SMBJ6.0A
6BT6B
KG
AG
6.70
7.37
10.0
6.0
800
58.3
10.3
SMBJ6.5
6BT6.5
KH
AH
7.22
8.82
10.0
6.5
500
48.8
12.3
SMBJ6.5A
6BT6.5A
KK
AK
7.22
7.98
10.0
6.5
500
53.6
11.2
SMBJ7.0
6BT7
KL
AL
7.78
9.51
10.0
7.0
200
45.1
13.3
SMBJ7.0A
6BT7A
KM
AM
7.78
8.60
10.0
7.0
200
50.0
12.0
SMBJ7.5
6BT7.5
KN
AN
8.33
10.2
1.0
7.5
100
42.0
14.3
SMBJ7.5A
6BT7.5A
KP
AP
8.33
9.21
1.0
7.5
100
46.5
12.9
SMBJ8.0
6BT8
KQ
AQ
8.89
10.9
1.0
8.0
50
40.0
15.0
SMBJ8.0A
6BT8A
KR
AR
8.89
9.83
1.0
8.0
50
44.1
13.6
SMBJ8.5A
6BT8.5
KS
AS
9.44
11.5
1.0
8.0
10
37.7
15.9
SMBJ8.5A
6BT8.5A
KT
AT
9.44
10.4
1.0
8.5
10
41.7
14.4
SMBJ9.0
6BT9
KU
AU
10.0
12.2
1.0
9.0
1.0
35.5
16.9
SMBJ9.0A
6BT9A
KV
AV
10.0
11.1
1.0
9.0
1.0
39.0
15.4
SMBJ10
6BT10
KW
AW
11.1
13.6
1.0
10
1.0
31.9
18.8
SMBJ10A
6BT10A
KX
AX
11.1
12.3
1.0
10
1.0
35.3
17.0
SMBJ11
6BT11
KY
AY
12.2
14.9
1.0
11
1.0
29.9
20.1
SMBJ11A
6BT11A
KZ
AZ
12.2
13.5
1.0
11
1.0
33.0
18.2
SMBJ12
6BT12
LD
BD
13.3
16.3
1.0
12
1.0
27.3
22.0
SMBJ12A
6BT12A
LE
BE
13.3
14.7
1.0
12
1.0
30.2
19.9
SMBJ13
6BT13
LF
BF
14.4
17.6
1.0
13
1.0
25.2
23.8
SMBJ13A
6BT13A
LG
BG
14.4
15.9
1.0
13
1.0
27.9
21.5
SMBJ14
6BT14
LH
BH
15.6
19.1
1.0
14
1.0
23.3
25.8
SMBJ14A
6BT16B
LK
BK
15.6
17.2
1.0
14
1.0
25.8
23.2
SMBJ15
6BT15
LL
BL
16.7
20.4
1.0
15
1.0
22.3
26.9
SMBJ15A
6BT15A
LM
BM
16.7
18.5
1.0
15
1.0
24.6
24.4
SMBJ16
6BT16
LN
BN
17.8
21.8
1.0
16
1.0
20.8
28.8
SMBJ16A
6BT16B
LP
BP
17.8
19.7
1.0
16
1.0
23.1
26.0
SMBJ17
6BT17
LQ
BQ
18.9
23.1
1.0
17
1.0
19.7
30.5
SMBJ17A
6BT17A
LR
BR
18.9
20.9
1.0
17
1.0
21.7
27.6
SMBJ18
6BT18
LS
BS
20.0
24.4
1.0
18
1.0
18.6
32.2
SMBJ18A
6BT18A
LT
BT
20.0
22.1
1.0
18
1.0
20.5
29.2
SMBJ20
6BT20
LU
BU
22.2
27.1
1.0
20
1.0
16.7
35.8
SMBJ20A
6BT20A
LV
BV
22.2
24.5
1.0
20
1.0
18.5
32.4
SMBJ22
6BT22
LW
BW
24.4
29.8
1.0
22
1.0
15.2
39.4
SMBJ22A
6BT22A
LX
BX
24.4
26.9
1.0
22
1.0
16.9
35.5
SMBJ24
6BT24
LY
BY
26.7
32.6
1.0
24
1.0
14.0
43.0
SMBJ24A
6BT26B
LZ
BZ
26.7
29.5
1.0
24
1.0
15.4
38.9
SMBJ26
6BT26
MD
CD
28.9
35.3
1.0
26
1.0
12.9
46.6
SMBJ26A
6BT26B
ME
CE
28.9
31.9
1.0
26
1.0
14.3
42.1
SMBJ28
6BT28
MF
CF
31.1
38.0
1.0
28
1.0
12.0
50.0
SMBJ28A
6BT28A
MG
CG
31.1
34.4
1.0
28
1.0
13.2
45.4
SMBJ30
6BT30
MH
CH
33.3
40.7
1.0
30
1.0
11.2
53.5
SMBJ30A
6BT30A
MK
CK
33.3
36.8
1.0
30
1.0
12.4
48.4
SMBJ33
6BT33
ML
CL
36.7
44.9
1.0
33
1.0
10.2
59.0
Notes:
(1) Pulse test : Tp ≦ 50ms
(2) Surge current waveform Per Fig. 3 and derate Per Fig. 2
(3) Ratings at 25°C ambient temperature unless otherwise specified.
http://www.trr-jx.com
SMBJ5.0 THRU SMBJ188A
TRANSIENT VOLTAGE SUPPRESSORS


Similar Part No. - SMBJ78

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ78 SOCAY-SMBJ78 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMBJ78 JGD-SMBJ78 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMBJ78 VISHAY-SMBJ78 Datasheet
112Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 04-Sep-07
logo
Galaxy Semi-Conductor H...
SMBJ78 BILIN-SMBJ78 Datasheet
118Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMBJ78 YANGJIE-SMBJ78 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Similar Description - SMBJ78

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com