Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6895-10 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # L6895-10
Description  High-power LED with miniature package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L6895-10 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L6895-10 Datasheet HTML 1Page - Hamamatsu Corporation L6895-10 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l Pd plated leads
l Miniature package with lens
l Peak emission wavelength: 940 nm
l Operating temperature range: -25 to +85 ˚C
Storage temperature range
: -30 to +85 ˚C
Applications
l Rotary encoders, etc.
LED
Infrared LED
High-power LED with miniature package
L6895-10
L6895-10 is a high-power LED molded into a miniature, clear plastic package that emits infrared light at a peak emission wavelength of 940 nm.
An optical encoder resistant to tough environmental conditions can be configured by combining L6895-10 with S7610-10 (made by Hamamatsu).
s
Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Condition
Value
Unit
Forward current
IF
60
mA
Reverse voltage
VR Max.
5
V
Pulse forward current
IFP
Pulse width: 100 µs
Duty ratio: 1 %
1.0
A
Power dissipation
P
90
mW
Operating temperature
Topr
-25 to +85
°C
Storage temperature
Tstg
-30 to +85
°C
Soldering
-
260 °C, 3 s
at least 2.5 mm away from package surface
-
s
Electrical and optical characteristics (Ta=25 °C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Peak emission wavelength
λp
IF=20 mA
-
940
-
nm
Spectral half width
∆λ
IF=20 mA
-
45
-
nm
Forward voltage
VF
IF=20 mA
-
1.25
1.45
V
Reverse current
IR
VR=5 V
-
-
10
µA
Radiant flux
φe
IF=20 mA
1.2
-
-
mW
Terminal capacitance
Ct
VR=0 V, f=1 MHz
-
20
-
pF


Similar Part No. - L6895-10

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L6895-10 HAMAMATSU-L6895-10 Datasheet
181Kb / 2P
   Infrared LED High-power LED with miniature package
L6895-10 HAMAMATSU-L6895-10_06 Datasheet
181Kb / 2P
   Infrared LED High-power LED with miniature package
L6895-10 HAMAMATSU-L6895-10_15 Datasheet
414Kb / 3P
   Infrared LED
More results

Similar Description - L6895-10

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L6895-10 HAMAMATSU-L6895-10_06 Datasheet
181Kb / 2P
   Infrared LED High-power LED with miniature package
logo
Panasonic Semiconductor
JW1AFSN-DC12V-F PANASONIC-JW1AFSN-DC12V-F Datasheet
116Kb / 6P
   Miniature package with universal Miniature package with universal
logo
EUROQUARTZ limited
YH1460 EUROQUARTZ-YH1460 Datasheet
86Kb / 1P
   Miniature Package - High Stability
logo
Zetex Semiconductors
ZXSDS2M832 ZETEX-ZXSDS2M832 Datasheet
202Kb / 6P
   MPPS Miniature Package Power Solutions
logo
P-tec Corporation
PL0066-WCR33 P-TEC-PL0066-WCR33 Datasheet
29Kb / 1P
   SMD High Power LED Ceramic Package
PL0066-WCWW25 P-TEC-PL0066-WCWW25 Datasheet
34Kb / 1P
   SMD High Power LED Ceramic Package
PL0066-WCG46 P-TEC-PL0066-WCG46 Datasheet
29Kb / 1P
   SMD High Power LED Ceramic Package
PL0066-WCY02 P-TEC-PL0066-WCY02 Datasheet
29Kb / 1P
   SMD High Power LED Ceramic Package
PL0066-WCB22 P-TEC-PL0066-WCB22 Datasheet
29Kb / 1P
   SMD High Power LED Ceramic Package
PL0066-WCW25 P-TEC-PL0066-WCW25 Datasheet
34Kb / 1P
   SMD High Power LED Ceramic Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com