Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7292 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # L7292
Description  The best light source is supported by the best electrode technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L7292 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  L7292 Datasheet HTML 1Page - Hamamatsu Corporation L7292 Datasheet HTML 2Page - Hamamatsu Corporation L7292 Datasheet HTML 3Page - Hamamatsu Corporation L7292 Datasheet HTML 4Page - Hamamatsu Corporation L7292 Datasheet HTML 5Page - Hamamatsu Corporation L7292 Datasheet HTML 6Page - Hamamatsu Corporation L7292 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
General Purpose
3.0 V/0 V to 1 V
2.5 V/1.7 V
10 V/2.5 V to 6.0 V
10 V/7.0 V
12 V to 15 V/0 V
2.5 V/1.0 V
2.5 V/1.0 V
2.5 V/1.0 V
2.5 V/1.7 V
L2-2000
L2-2000
L2-4000
See-through
30W
3.0 V/0 V to 1 V
Power
Consumption
Type
Series
Cathode Rating
GENERAL PURPOSE
SEE-THROUGH TYPE
NOTE
NOTE
ALamps with an aperture of 0.5 mm diameter are high brightness types. These lamps provide 1.6 times higher brightness than standard lamps with an aperture of 1.0 mm diameter. (Refer to page 8.)
BA trigger voltage higher than this value is required to start lamp discharge. For reliable lighting, an application of 500 V to 600 V is recommended. The maximum rated voltage that can be applied is 650 V.
CThe heater current during warming-up period is so high that the enough voltage may not be supplied to the lamp in case the cable between the lamp and the power supply is long because
of voltage drop at the cable. The power supply for the heater should be designed so as to supply specified voltage at the lamp terminal.
DThe lamp life end is defined as the point when the light output falls to 50 % of its initial value or when output fluctuation (p-p) exceeds 0.05 %.
EL2D2 lamp does not always have a direct replacement for conventional type from its dimensional outline point of view. Please refer to page 5 and 6. Please consult with our sales offices
for further details.
An Example for optics of See-through type
The see-through type electrode structure enables
straight-line arrangement of the halogen lamp, deuterium
lamp, optical system and optical passage. This simplifies
optical design of UV-VIS spectrophotometer etc., and
eliminates loss of light amount caused by the half mirror.
SEE-THROUGH TYPE
L2D2 Lamps (Deuterium Lamps )
FRecommended operating voltage is 3.5 V
± 0.5 V.
GIn these lamps, discharge current is allowed to flow into the filament during operation so that cathode temperature is maintained at an optimum level. So there is no need for input of external
power to keep the filament heated.
HAverage operating life : Operating life depends on environmental conditions (vacuum atmosphere). It is recommended that these lamps be used in an oil-free environment.
*We recommend using Hamamatsu deuterium lamp power supplies in order to obtain the full performance from our lamps (Refer to page 7 and 9).
TOP VIEW
LENS
HALOGEN
LAMP
SEE-THROUGH
L2D2 LAMP
TLSOC0011EF
40˚
q
w
q
q
y
r
r
w
w
e
e
y
i
y
e
e
t
o
t
o
u
u
r
!0
r
!0
r
Tube
Drop
Voltage
Typ.
(V dc)
Anode
Current
(mA dc)
Spectral
Disiribution
(nm)
Window
Material
Dimen-
sional
outline
Aperture
Diameter
(mm)
Required Dis-
charge Starting
Voltage
Min.
(V dc)
Series
L2-4000
L2-2000
Synthetic silica
1.0
350
1.0
350
1.0
80
80
80
85
350
1.0
350
0.5
400
0.5
400
1.0
350
0.5
400
1.0
350
0.5
400
0.5
400
1.0
350
0.5
400
1.0
350
0.5
400
1.0
350
300
±30
300
±30
0.5
400
1.0
350
1.0
350
0.5
400
1.0
350
1.0
350
UV glass
Synthetic silica
UV glass
185 to 400
UV glass
185 to 400
160 to 400
185 to 400
185 to 400
160 to 400
UV glass
UV glass
185 to 400
UV glass
185 to 400
UV glass
185 to 400
MgF2
115 to 400
Type.
No.
L2-2000
80
300
±30
1.0
350
1.0
350
1.0
350
0.5
400
0.5
400
UV glass
185 to 400
L6999
L7307
L6999-50
L7174
L7306
L6565
L6566
L6301
L6302
L7298
L6303
L6304
L6305
L6306
L6307
L6308
L7296
L7295
L6309
L6310
L6311
L6312
L7293
L7292
L6999
L7307
L7174
L7306
Fluctuation
(p-p)
Max.
(%)
Drift
Max.
(%/ h)
Output Stability
±0.3
±0.3
0.05
0.05
±0.3
0.05
Current
Typ.
(A dc, ac)
Voltage
(V dc, ac)
Time
Min.
(s)
Filament Ratings
Warm-up
12 to 15
0.5 to 0.55
20
20
10
±1
2.5
±0.25
0.8
4
1.2
10
±1
0.8
5
5
10
±1
3.0
±0.3
3.0
±0.3
4
4
2.5
±0.25
2.5
±0.25
20
4
2.5
±0.25
Conventional
Lamps
Guaranteed
Life
(h)
Current
Typ.
(A dc)
Voltage
(V dc)
Operating
00
2.5 to 6.0
1.0
±0.1
0.3 to 0.6
1.8
2000
L613,L613-04
L3382-01
L613,L613-04
L1636
L1729
L3381-01
L3382-01
2.5 to 6.0
0 to 1
0 to 1
1.0
±0.1
0 to1.8
0 to1.8
0.3 to 0.6
1.8
2000
4000
L591
L2196
L7296-50
L1626
3.3
1.8
7.0
±0.5
1.7
±0.2
1.0
±0.1
L2541
L2526
L4505
L4505-50
L4510
L4510-50
L879-01
L879
Type.
No.
Fluctuation
(p-p)
Max.
(%)
Drift
Max.
(%/ h)
Output Stability
Current
Max.
(A dc, ac)
Voltage
(V dc, ac)
Time
Min.
(s)
Filament Ratings
Warm-up
Conventional
Lamps
Guaranteed
Life
(h)
Current
Max.
(A dc)
Voltage
(V dc)
Operating
Type.
No.
L6999-50
L1887
L1886
2000
1.8
3.3
1.0
±0.1
1.7
±0.2
L6311-50
L6312-50
L6565
L6566
L6301
L6302
L7298
L6303
L6304
L6305
L6306
L6307
L6308
L7296
L7296-50
L7295
L6309
L6310
L6311
L6312
L7293
L7292
L6311-50
L6312-50
3
4
1
Tube
Drop
Voltage
Typ.
(V dc)
Anode
Current
(mA dc)
Spectral
Disiribution
(nm)
Window
Material
Dimen-
sional
outline
Aperture
Diameter
(mm)
Required Dis-
charge Starting
Voltage
Min.
(V dc)
Series
Type.
No.
D
C
E
F
G
DE
F
H
G
SELECTION GUIDE
SPECIFICATIONS FOR L2D2 LAMPS
SPECIFICATIONS


Similar Part No. - L7292

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7292 STMICROELECTRONICS-L7292 Datasheet
3Mb / 60P
   Five buck regulators power management unit
L7292D STMICROELECTRONICS-L7292D Datasheet
3Mb / 60P
   Five buck regulators power management unit
L7292DT STMICROELECTRONICS-L7292DT Datasheet
3Mb / 60P
   Five buck regulators power management unit
More results

Similar Description - L7292

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
   The Best Relaytion
V23105 MACOM-V23105 Datasheet
498Kb / 11P
   The Best Relaytion
IM00TS MACOM-IM00TS Datasheet
795Kb / 11P
   The Best Relaytion
IM07TS MACOM-IM07TS Datasheet
610Kb / 10P
   The Best Relaytion
logo
Roithner LaserTechnik G...
LFO-14-IP ROITHNER-LFO-14-IP Datasheet
126Kb / 1P
   best source
logo
Omron Electronics LLC
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
   The Best Seller G2R
G2R-1-DC12 OMRON-G2R-1-DC12 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
Lumileds Lighting Compa...
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
   The best performance, the most colors
20210816
logo
Roithner LaserTechnik G...
LFO-18 ROITHNER-LFO-18 Datasheet
125Kb / 1P
   best source for digital
logo
Seoul Semiconductor
STB0C2PB SEOUL-STB0C2PB Datasheet
1Mb / 18P
   Achieving the best system for Horticulture
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com