Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7850 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # L7850
Description  Peak emission wavelength: 1.45 關m
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L7850 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L7850 Datasheet HTML 1Page - Hamamatsu Corporation L7850 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l Peak emission wavelength: 1.45 µm
l High radiant output power
l Narrow directivity (L7850-01)
Applications
l Light source for moisture meter
l Light source for photosensitive material
LED
Infrared LED
Peak emission wavelength: 1.45 µm
L7850 series
L7850 series is a long wavelength LED using an InGaAs chip. Peak emission occurs at 1.45 µm, making L7850 series ideal for detection of water
content or moisture. L7850-01 has a glass lens window for narrow directivity (beam spread).
1
s
Absolute maximum ratings (Ta=25 °C, unless otherwise noted)
Parameter
Symbol
Condition
Value
Unit
Reverse voltage
V4
1V
Forward current
I.
80
mA
Forward current derating
rate
-Ta > 25 °C
1.1
mA/°C
Pulse forward current
I.2
Pulse width=10 µs
Duty ratio=1 %
1.0
A
Pulse forward current
derating rate
-Ta > 25 °C
13
mA/°C
Power dissipation
P
150
mW
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-40 to +100 *
°C
*1: L7850 series is guaranteed to resist temperature cycle test of up to 5 cycles.
s
Electrical and optical characteristics (Ta=25 °C)
L7850/-01
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Peak emission wavelength
lp
I.=50 mA
1.4
1.45
1.5
µm
Spectral half width (FWHM)
Dl
I.=50 mA
-
100
150
nm
Radiant flux
fe
I.=50 mA
0.7
1.0
-mW
Forward voltage
V.
I.=50 mA
-
1.0
1.5
V
Pulse forward voltage
V.2
I.=1 A
-2
3
V
Reverse current
I4
V4=1 V
-
-
10
µA
Cut-off frequency *
fc
I.=50 mA ± 10 mAp-p
1
3
-
MHz
*2: Frequency at which the light output drops by -3 dB based on light output at 100 kHz.
L7850 series may be damaged or performance may deteriorate due to static electricity, so use caution when handling.


Similar Part No. - L7850

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7852C STMICROELECTRONICS-L7852C Datasheet
1Mb / 34P
   POSITIVE VOLTAGE REGULATORS
L7852C STMICROELECTRONICS-L7852C Datasheet
1Mb / 52P
   Positive voltage regulators
L7852C STMICROELECTRONICS-L7852C Datasheet
1Mb / 47P
   Positive voltage regulators
August 2006
L7852CD2T STMICROELECTRONICS-L7852CD2T Datasheet
1Mb / 34P
   POSITIVE VOLTAGE REGULATORS
L7852CD2T-TR STMICROELECTRONICS-L7852CD2T-TR Datasheet
1Mb / 34P
   POSITIVE VOLTAGE REGULATORS
More results

Similar Description - L7850

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7866 HAMAMATSU-L7866 Datasheet
124Kb / 2P
   Peak emission wavelength: 1.3 關m
L8245 HAMAMATSU-L8245 Datasheet
106Kb / 2P
   Peak emission wavelength: 1.65 關m
logo
Marktech Corporate
MTE1300SL-WRC MARKTECH-MTE1300SL-WRC Datasheet
643Kb / 3P
   Peak Emission Wavelength: 1300nm
MTE3061N-UO MARKTECH-MTE3061N-UO Datasheet
698Kb / 3P
   Peak Emission Wavelength: 620nm
MTE6066C-UR MARKTECH-MTE6066C-UR Datasheet
667Kb / 4P
   Peak Emission Wavelength: 660nm
MTE8560MT MARKTECH-MTE8560MT Datasheet
760Kb / 4P
   Peak Emission Wavelength: 850nm
MTPS7065MT MARKTECH-MTPS7065MT Datasheet
729Kb / 4P
   Peak Emission Wavelength: 650nm
MTPS8085W_1105 MARKTECH-MTPS8085W_1105 Datasheet
758Kb / 3P
   Peak Emission Wavelength: 855nm
MTPS8085FT_1105 MARKTECH-MTPS8085FT_1105 Datasheet
679Kb / 3P
   Peak Emission Wavelength: 855nm
MTPS8065WC_1105 MARKTECH-MTPS8065WC_1105 Datasheet
531Kb / 3P
   Peak Emission Wavelength: 650nm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com