Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMH10JT103 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RMH10JT103
Description  Thick Film High Power Chip Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMH10JT103 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RMH10JT103 Datasheet HTML 1Page - List of Unclassifed Manufacturers RMH10JT103 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMH10JT103 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMH10JT103 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMH10JT103 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMH10JT103 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMH10JT103 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMH10JT103 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMH10JT103 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Thick Film High Power Chip Resistors
(RMH series standard Halogen-Free)
Document No.
TRMH-XX0S001H
Revise Date
2014/08/19
page number
3/11
TA-I TECHNOLOGY CO., LTD
5.1 Derating Curve :
For resistors operated at ambient temperature over 70℃ , power rating shall be derated in
accordance with figure 1.
P Max
Ambient Temp.(℃)
Figure 1
5.2 Rated Voltage :
The rated voltage is calculated by the following formula:
E =
P * R
E=Rated Voltage(V)
P=Rated Power(W)
R=Resistance Value(Ω)
E.G. : What is RMH06JT102 the rated voltage ?
RMH06JT102 P:1/8W ; R:102 = 1KΩ = 1000Ω
E =
0.125(W) * 1000(Ω)
= 11.18
Power ratio(%)


Similar Part No. - RMH10JT103

ManufacturerPart #DatasheetDescription
logo
RFE international
RMH10 RFE-RMH10 Datasheet
1Mb / 5P
   SMD Resistor - High Power
OCT-27-2023
RMH10R-10K0-J RFE-RMH10R-10K0-J Datasheet
1Mb / 5P
   SMD Resistor - High Power
OCT-27-2023
More results

Similar Description - RMH10JT103

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CRGH TEC-CRGH Datasheet
421Kb / 8P
   High Power Thick Film Chip Resistors
logo
List of Unclassifed Man...
RMH20JE101 ETC-RMH20JE101 Datasheet
648Kb / 9P
   Thick Film High Power Chip Resistors
RMH25JE101 ETC-RMH25JE101 Datasheet
662Kb / 9P
   Thick Film High Power Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WR18X WALSIN-WR18X Datasheet
608Kb / 7P
   Thick Film Power Chip Resistors
WR18X_TR WALSIN-WR18X_TR Datasheet
205Kb / 7P
   Thick Film Power Chip Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com