Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMH06JT1540 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RMH06JT1540
Description  Thick Film High Power Chip Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMH06JT1540 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RMH06JT1540 Datasheet HTML 1Page - List of Unclassifed Manufacturers RMH06JT1540 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMH06JT1540 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMH06JT1540 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMH06JT1540 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMH06JT1540 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMH06JT1540 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMH06JT1540 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMH06JT1540 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Thick Film High Power Chip Resistors
(RMH series standard Halogen-Free)
Document No.
TRMH-XX0S001H
Revise Date
2014/08/19
page number
4/11
TA-I TECHNOLOGY CO., LTD
6. Reliability Tests :
Test Items
Reference
standard
Condition of Test
Test Limits △R
Temperature Coefficient
of Resistance
IEC60115-1-4.8
JIS-C5201-1-4.8
-55〜 +125 ℃
Refer 5.0
Short Time Overload
IEC60115-1-4.13
JIS-C5201-1-4.13
2.5 X rated voltage for 5 sec
0402:±(2% + 0.1Ω )
±
(1% + 0.05Ω )
Intermittent Overload
EC60115-1-4.39
JIS-C5201-1-4.39
3.0 X rated voltage or Max Overloading
voltage ,1sec “ON” , 25sec “OFF” , 10000
cycles
(Remarks : 0402 2.5 X RCWV * )
±
(5.0% + 0.1Ω)
Endurance (Load Life)
IEC60115-1-4.25.1
JIS-C5201-1-4.25.1
1000 hours at rated voltage, 70℃ , 1.5hours
“ON “, 0.5hour “OFF”
0402: ±(3.0%+0.1Ω)
1%:±(1.0%+0.05Ω)
5%:±(3.0%+0.1Ω)
Load Life with Humidity
IEC60115-1-4.24
JIS-C5201-1-4.24
1000 hours at rated voltage , 40±2℃,
90~95% RH 1.5hours “ON “, 0.5hour “OFF”
0402: ±(3.0%+0.1Ω)
1%:±(1.0%+0.05Ω)
5%:±(3.0%+0.1Ω)
Rapid Change
of Temperature
IEC60115-1-4.19
JIS-C5201-1-4.19
-55℃ (30 min. ) / +155 ℃(30 min. ) 5 cycles
1%:±(0.5%+0.05Ω)
5%:±(1.0%+0.05Ω)
Solderability
IEC60115-1-4.17
JIS-C5201-1-4.17
245±5℃ solder, 2±0.5 sec dwell.
Solder : Sn96.5 / Ag3.0 / Cu0.5
At least 95% of surface area
of electrode shall be covered
with new solder.
Robustness of Termination
(Bending)
IEC60115-1-4.33
JIS-C5201-1-4.33
3mm deflection
1%:±(0.5%+0.05Ω)
5%:±(1.0%+0.05Ω)
Dielectric Withstanding
Voltage (Voltage Proof)
IEC60115-1-4.7
JIS-C5201-1-4.7
Applying voltage :
0402 & 0603 : 300V The other 500V for a
minute .
No
abnormalities
such
as
flashover,
burning
dielectric
breakdown shall appear.
Insulation Resistance
IEC60115-1-4.6
JIS-C5201-1-4.6
Applying voltage 100V for 1 minute.
1GΩ
Resistance to Dry Heat
IEC60115-1-4.23.2
JIS-C5201-1-4.23.2
155±5℃ for 96±4Hrs
1%:±(1.0%+0.05Ω)
5%:±(2.0%+0.1Ω)
Resistance to Solder Heat
IEC60115-1-4.18
JIS-C5201-1-4.18
270 ±5℃ solder , 10 ±1 sec dwell .
1%:±(0.5%+0.05Ω)
5%:±(1.0%+0.05Ω)
Note* : RCWV : Rated continuous working voltage .


Similar Part No. - RMH06JT1540

ManufacturerPart #DatasheetDescription
logo
RFE international
RMH06 RFE-RMH06 Datasheet
1Mb / 5P
   SMD Resistor - High Power
OCT-27-2023
More results

Similar Description - RMH06JT1540

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CRGH TEC-CRGH Datasheet
421Kb / 8P
   High Power Thick Film Chip Resistors
logo
List of Unclassifed Man...
RMH20JE101 ETC-RMH20JE101 Datasheet
648Kb / 9P
   Thick Film High Power Chip Resistors
RMH25JE101 ETC-RMH25JE101 Datasheet
662Kb / 9P
   Thick Film High Power Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WR18X WALSIN-WR18X Datasheet
608Kb / 7P
   Thick Film Power Chip Resistors
WR18X_TR WALSIN-WR18X_TR Datasheet
205Kb / 7P
   Thick Film Power Chip Resistors
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com