Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGS06A03T3V3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # UGS06A03T3V3
Description  MAX Guard ESD Suppressor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UGS06A03T3V3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  UGS06A03T3V3 Datasheet HTML 1Page - List of Unclassifed Manufacturers UGS06A03T3V3 Datasheet HTML 2Page - List of Unclassifed Manufacturers UGS06A03T3V3 Datasheet HTML 3Page - List of Unclassifed Manufacturers UGS06A03T3V3 Datasheet HTML 4Page - List of Unclassifed Manufacturers UGS06A03T3V3 Datasheet HTML 5Page - List of Unclassifed Manufacturers UGS06A03T3V3 Datasheet HTML 6Page - List of Unclassifed Manufacturers UGS06A03T3V3 Datasheet HTML 7Page - List of Unclassifed Manufacturers UGS06A03T3V3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MAX Guard
 ESD Suppressor
(High Frequency Type)
Document No
TUGS-XX0S001B
Issued date
2013/7/16
Page
4/8
TA-I TECHNOLOGY CO., LTD
7. Taping and Reel
7.1 Taping Dimensions
4 mm pitch paper
Packing
Type
A
B
W
F
E
P1
P2
P0
D0
T
Paper Tape
UGS04
0.7±0.05 1.2±0.05 8.0±0.2 3.5±0.05 1.75±0.1 2.0±0.1 2.0±0.05 4.0±0.1
+0.1
1.5
0
0.45±0.1
Paper Tape
UGS06
1.1±0.1 1.9±0.1 8.0±0.2 3.5±0.05 1.75±0.1 4.0±0.1 2.0±0.05 4.0±0.1
+0.1
1.5
-0
0.64±0.1
Unit: mm
Type Size
Paper Tape
2 mm Pitch
180mm/R
UGS
04
10000
Type series
Paper Tape
4 mm Pitch
180mm/R
UGS
06
5000
Unit: pcs


Similar Part No. - UGS06A03T3V3

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UGS2J GULFSEMI-UGS2J Datasheet
114Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE竊?00V to 800V CURRENT竊?.0A
UGS2K GULFSEMI-UGS2K Datasheet
114Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE竊?00V to 800V CURRENT竊?.0A
logo
Allegro MicroSystems
UGS3059 ALLEGRO-UGS3059 Datasheet
144Kb / 10P
   HALL-EFFECT GEAR-TOOTH SENSORS -ACCOUPLED
UGS3059KA ALLEGRO-UGS3059KA Datasheet
84Kb / 8P
   HALL-EFFECT GEAR-TOOTH SENSORS -AC COUPLED
UGS3059KA ALLEGRO-UGS3059KA Datasheet
144Kb / 10P
   HALL-EFFECT GEAR-TOOTH SENSORS -ACCOUPLED
More results

Similar Description - UGS06A03T3V3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS04A03T3V3 ETC-GS04A03T3V3 Datasheet
641Kb / 8P
   MAX Guard??ESD Suppressor
TGS06A12T30 ETC-TGS06A12T30 Datasheet
614Kb / 8P
   MAX Guard Transient Voltage Suppressor
logo
American Accurate Compo...
UMSA24A03T1V1 AAC-UMSA24A03T1V1 Datasheet
66Kb / 1P
   Ultra-Low Capacitance MAX Guard ESD Suppressor Array (High Frequency Type)
MS04A03T1V1 AAC-MS04A03T1V1 Datasheet
59Kb / 1P
   MS Low Capacitance MAX Guard짰 ESD Suppressor
MSA24A03T1V1 AAC-MSA24A03T1V1 Datasheet
66Kb / 1P
   MSA Low Capacitance MAX Guard짰 ESD Suppressor Array
logo
Moda-InnoChips Co., Ltd...
ULCE0505C015FR ICT-ULCE0505C015FR Datasheet
90Kb / 5P
   ESD Suppressor
logo
Eaton All Rights Reserv...
0603ESDA-TR1 EATON-0603ESDA-TR1 Datasheet
783Kb / 3P
   ESD suppressor
logo
Panasonic Semiconductor
EZA-EG2A50AX PANASONIC-EZA-EG2A50AX Datasheet
94Kb / 2P
   ESD Suppressor
logo
Eaton All Rights Reserv...
0603ESDA2-TR2 EATON-0603ESDA2-TR2 Datasheet
494Kb / 3P
   ESD suppressor
logo
Moda-InnoChips Co., Ltd...
ULCE1005A015FR ICT-ULCE1005A015FR Datasheet
90Kb / 5P
   ESD Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com