Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7893-04 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L7893-04
Description  UV-VIS FIBER LIGHT SOURCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L7893-04 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L7893-04 Datasheet HTML 1Page - Hamamatsu Corporation L7893-04 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECTRAL DISTRIBUTION (TYPICAL VALUE)
DIMENSIONAL OUTLINES (Unit: mm)
GENERAL CHARACTERISTICS
REPLACEMENT LAMP
FIBER
F
(OPTION)
TLSO1034E06
APR. 2002 IP
This product is based upon EMC/EN55011, EN50082-2 and SAFETY/EN61010-1.
PATENT PENDING
UV-VIS FIBER LIGHT SOURCE
CAUTION
WARRANTY
Spectral Distribution
Light Source
Output
Stability
Power Consumption
Input VoltageB (AC)
Weight
Dimensional OutlineC
Fiber Connector
NOTE: AMeasured 30 minutes after lamp turn on.
BAC input voltage should be selected before shipment.
CThese dimensions don't include projection parts.
200 nm to 1100 nm
30 W Deuterium Lamp and
5 W Tungsten Halogen Lamp
Approx. 45 VA
200 nm to 400 nm
30 W Deuterium Lamp
Approx. 40 VA
0.004 % Typ.
(Equivalent to 2
× 10-5 A.U. [at 250 nm])
0.3 %/h Typ.
100 V to 120 V or 200 V to 240 V
Approx. 3 kg
162 mm(W)
× 129 mm(H) × 260 mm(D)
SMA 905
L7893
Parameter
L7893-01
L6999-51
L7894
NOTE: DThe guaranteed life is defined as the time when the radiant
intensity falls to 50 % of its initial value.
ETypical life.
30 W Deuterium Lamp
5 W Tungsten Halogen Lamp
2000 h
D
2000 h
E
Lamp
Type Number
Lamp Life Time
A7969-02
A7969-04
A7969-06
A7969-08
NOTE: FOther shape, combination, and anti-solarization fiber for less
than 215 nm are available upon your request.
0.2 mm
0.4 mm
0.6 mm
0.8 mm
1.0 m
Core Diameter
Type Number
Length
260
162
HANDLE
LAMP REPLACEMENT PORT
LAMP OPERATION SWITCH
UPPER: DEUTERIUM LAMP
LOWER: TUNGSTEN HALOGEN LAMP
MAIN POWER SWITCH
FIBER CONNECTOR
(Normally covered by a light shield plate)
LAMP-ON INDICATOR
(UPPER: DEUTERIUM LAMP
LOWER: TUNGSTEN HALOGEN LAMP)
POWER INDICATOR
Fluctuation
(p-p)
DriftA
HAMAMATSU PHOTONICS K.K., Electron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it
HOMEPAGE URL http://www.hamamatsu.com
1. These light sources radiate strong UV rays
which are harmful to the eyes and skin. Do
not look directly into the lamp or allow the
light rays to directly strike the skin. Always
wear protective glasses or other protective
gear when operation.
2. High voltage is used to operate the lamp.
Use extreme caution to prevent electric
shocks.
The guarantee period will be one year ship-
ment or specified life time comes first.
The
area of guarantee is limited to replacement of
the faulty instrument. Faults resulting from nat-
ural disasters and incorrect usage will also be
excluded from guarantee.
TLSOB0078EA
TLSOA0056EB
WAVELENGTH (nm)
10
1
0.1
200
300
400
500
600
700
800
900
1000
1100
L7893
(DEUTERIUM LAMP +
TUNGSTEN HALOGEN LAMP)
TYPE OF FIBER
ANTI-SOLARIZATION FIBER
CORE DIA.= 0.8 mm
L7893-01
(DEUTERIUM LAMP)


Similar Part No. - L7893-04

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7892-11 HAMAMATSU-L7892-11 Datasheet
131Kb / 2P
   Laser diode
L7892-12 HAMAMATSU-L7892-12 Datasheet
131Kb / 2P
   Laser diode
L7892-21 HAMAMATSU-L7892-21 Datasheet
131Kb / 2P
   Laser diode
L7892-22 HAMAMATSU-L7892-22 Datasheet
131Kb / 2P
   Laser diode
L7892-31 HAMAMATSU-L7892-31 Datasheet
131Kb / 2P
   Laser diode
More results

Similar Description - L7893-04

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L10671 HAMAMATSU-L10671 Datasheet
223Kb / 2P
   COMPACT UV-VIS S2D2 FIBER LIGHT SOURCE
L10671 HAMAMATSU-L10671_15 Datasheet
220Kb / 2P
   COMPACT UV-VIS S2D2 FIBER LIGHT SOURCE
L10290 HAMAMATSU-L10290_15 Datasheet
190Kb / 2P
   HIGH POWER UV-VIS FIBER LIGHT SOURCE
L10290 HAMAMATSU-L10290 Datasheet
141Kb / 2P
   HIGH POWER UV-VIS FIBER LIGHT SOURCE
L12515 HAMAMATSU-L12515_15 Datasheet
159Kb / 2P
   COMPACT UV-VIS S2D2 FIBER LIGHT SOURCE (UV Enhanced Type)
L12848-305 HAMAMATSU-L12848-305_15 Datasheet
1Mb / 2P
   uv cathode emitting light source
logo
IET Labs Inc.
1539 IET-1539 Datasheet
124Kb / 2P
   Stroboslave Light Source
logo
Lumileds Lighting Compa...
LXCL-PWF4 LUMILEDS-LXCL-PWF4 Datasheet
1Mb / 17P
   Power Light Source
LXCL-EL05 LUMILEDS-LXCL-EL05 Datasheet
1Mb / 17P
   Power Light Source
LXCL-EW06 LUMILEDS-LXCL-EW06 Datasheet
1Mb / 17P
   Power Light Source
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com