Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1548 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R1548
Description  DUAL, RECTANGULAR PHOTOMULTIPLIER TUBE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R1548 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R1548 Datasheet HTML 1Page - Hamamatsu Corporation R1548 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL
Parameter
Description/Value
Unit
Spectral Response
Wavelength of Maximum Response
Photocathode
Window Material
Dynode
Base
Suitable Socket
nm
nm
mm dia.
300 to 650
420
Bialkali
(8
× 18) × 2 (dual)
Borosilicate glass
Linear focused
10
× 2 (dual)
17-pin glass base
E678-17A (supplied)
Material
Minimum Useful Size
Structure
Number of Stages
DUAL, RECTANGULAR
PHOTOMULTIPLIER TUBE
R1548
MAXIMUM RATINGS (Absolute Maximum Values)
Information furnished by HA MAM ATS U is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein.
© 1998 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may var y. Please consult with our sales office.
Supply Voltage: 1250Vdc, K: Cathode, Dy: Dynode, P: Anode
For Scintillation Counting and Positron CT Applications
10-Stage Dual Structure in a Rectangular Envelope
High Time Resolution, Good Coupling to Rectangular BGO
Good Space Utilization, Low Cross Talk
CHARACTERISTICS (at 25
°C)
VOLTAGE DISTRIBUTION RATIO AND SUPPLY VOLTAGE
Parameter
Min.
Unit
Parameter
Value
Unit
Supply Voltage
Average Anode Current
Ambient Temperature
1750
250
0.1
-80 to +50
Vdc
Vdc
mA
°C
Between Anode and Cathode
Between Anode and Last Dynode
Cathode Sensitivity
Anode Sensitivity
Gain
Anode Dark Current
Time Response
Energy Resolution for 511keV
γ-ray with BGO
BGO Time Resolution
(BGO-Plastic)
Gain Ratio (one segment to another)
Luminous (2856K)
Blue (with CS 5-58 filter)
Quantum Efficiency at 480nm
Luminous (2856K)
Blue (with CS No. 5-58 filter)
Anode Pulse Rise Time
Electron Transit Time
Transit Time Spread
FWHM
FWTM
Electrodes
Ratio
K
Dy1
4
Dy2
1
Dy3
1.5
Dy4
1
Dy5
1
Dy6
1
Dy7
1
Dy8
1
Dy9
11
1
Dy10
P
0.5
80
9.5
23
200
24
2.5
× 106
20
1.8
20
1.0
20
2.4
4.8
1
µA/lm
µA/lm-b
%
A/lm
A/lm-b
nA
ns
ns
ns
%
ns
ns
250
2
Typ.
Max.
NOTE: The gain of each segment can be controlled within 1 to 0.3 by adjusting independent dynode (7th dynode) potential.


Similar Part No. - R1548

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
R15 CHENG-YI-R15 Datasheet
117Kb / 2P
   FAST SWTICHING RECTIFIER
logo
List of Unclassifed Man...
R15-0805 ETC2-R15-0805 Datasheet
74Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 5,000 VDC
logo
Recom International Pow...
R15-100A RECOM-R15-100A Datasheet
80Kb / 3P
   5 Watt Single Output
R15-100B RECOM-R15-100B Datasheet
90Kb / 3P
   High Output Voltage DIP24 converter
R15-150A RECOM-R15-150A Datasheet
80Kb / 3P
   5 Watt Single Output
More results

Similar Description - R1548

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
R9182-01 HAMAMATSU-R9182-01 Datasheet
217Kb / 2P
   PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
   PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com