Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLM626NS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TLM626NS
Description  Power It! Safety Power Strip with 6 Outlets and 6-ft. Cord
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLM626NS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TLM626NS Datasheet HTML 1Page - List of Unclassifed Manufacturers TLM626NS Datasheet HTML 2Page - List of Unclassifed Manufacturers TLM626NS Datasheet HTML 3Page - List of Unclassifed Manufacturers TLM626NS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Power It! Safety Power Strip with 6 Outlets and 6-ft.
Cord
MODEL NUMBER: TLM626NS
Description
This Tripp Lite power strip is designed to safely distribute power to connected equipment in harsh environments. It provides a convenient source for multiple
outlets wherever they're needed. 6 outlets distribute AC power to a wide range of power tools, pumps, air compressors and more. Convenient transformer
outlets accommodate multiple transformers without blocking other outlets. A 6 ft. grounded cord with integrated cord clip reaches distant outlets. A lighted
on/off switch with integrated circuit breaker provides power control over connected equipment. Breaker protects against dangerous system overload. 4 safety
covers shield unused outlets from debris and accidental contact. A rugged metal case stands up to the harshest environments. Integrated keyhole slots on
bottom panel provide convenient wall/desk mounting. Its bright yellow color alerts you and others that power cords and tools are in use.
Features
6 outlets distribute AC power to a wide range of power tools, pumps, air compressors and more.
Convenient transformer outlets
A 6 ft. grounded cord with integrated cord clip reaches distant outlets.
A lighted on/off switch with integrated circuit breaker provides power control over connected equipment. Breaker protects against dangerous system
overload.
4 safety covers shield unused outlets from debris and accidental contact.
A rugged metal case stands up to the harshest environments.
Integrated keyhole slots on bottom panel provide convenient wall/desk mounting
Its bright yellow color alerts you and others that power cords and tools are in use.
OSHA color guidelines, outlined in Document 1910.145, alert users to hazardous situations, which may cause minor or moderate injury. This Tripp Lite
product complies with those guidelines.
Specifications
OVERVIEW
Highlights
6 outlets (including transformer
outlets and 4 safety covers)
6 ft. cord
Rugged metal case
Applications
Industrial
Automotive
Factory
Hardware
Package Includes
TLM626NS Safety Power Strip
4 safety covers
Owner's manual
1 / 3


Similar Part No. - TLM626NS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLM626SA ETC2-TLM626SA Datasheet
497Kb / 4P
   Safety Surge Suppressor - Rugged, Safe Surge Suppression for Industrial/Automotive/Factory
More results

Similar Description - TLM626NS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLM609NS ETC2-TLM609NS Datasheet
483Kb / 4P
   Power It! Safety Power Strip with 6 Outlets, 9-ft. Cord and Integrated Cord Wrap
TLM815NS ETC2-TLM815NS Datasheet
499Kb / 4P
   Power It! Safety Power Strip with 8 Outlets, 15-ft. Cord and Integrated Cord Wrap
logo
Tripp Lite. All Rights ...
TLM1015NC TRIPPLITE-TLM1015NC Datasheet
98Kb / 3P
   Power It! Power Strip with 10 Outlets and 15-ft. Cord
logo
List of Unclassifed Man...
TLM812GF ETC2-TLM812GF Datasheet
501Kb / 4P
   Power It! Safety Power Strip with 8 Outlets and 12-ft. Cord with GFCI Plug
TLM825GF ETC2-TLM825GF Datasheet
498Kb / 4P
   Power It! Safety Power Strip with 8 Outlets and 25-ft. Cord with GFCI Plug
TLM609GF ETC2-TLM609GF Datasheet
486Kb / 4P
   Power It! Safety Power Strip with 6 Outlets and 9-ft.Cord with GFCI Plug
RS-0615-F ETC2-RS-0615-F Datasheet
474Kb / 4P
   1U Rackmount Power Strip with 6 Front-Facing Outlets and 15-ft. Cord
RS-0615-R ETC2-RS-0615-R Datasheet
474Kb / 4P
   1U Rackmount Power Strip with 6 Rear-Facing Outlets and 15-ft. Cord
PS-615-HG-OEM ETC2-PS-615-HG-OEM Datasheet
488Kb / 4P
   For Patient-Care Areas - Medical-Grade Power Strip with 6 Outlets and 15-ft. Cord
UL24RA-15 ETC2-UL24RA-15 Datasheet
481Kb / 4P
   Waber-by-Tripp Lite Power Strip with 6 Right-Angle Outlets and 15-ft. Cord
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com