Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLM626SA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TLM626SA
Description  Safety Surge Suppressor - Rugged, Safe Surge Suppression for Industrial/Automotive/Factory
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLM626SA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TLM626SA Datasheet HTML 1Page - List of Unclassifed Manufacturers TLM626SA Datasheet HTML 2Page - List of Unclassifed Manufacturers TLM626SA Datasheet HTML 3Page - List of Unclassifed Manufacturers TLM626SA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
OVERVIEW
Intended Application
Industrial/Factory Floor
OUTPUT
Frequency compatibility
60 Hz
Circuit Breaker (amps)
15
Overload protection
Combo power switch and circuit breaker
Outlet quantity / type
6 NEMA 5-15R
Transformer accommodation
Yes (2)
Outlet safety covers
Yes (4)
Outlet orientation
1 single row of 6
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
120V (110-125V)
Input connection type
NEMA 5-15P
Input cord length (ft.)
6
Input cord length (m)
1.83
Input cord gauge, type
14 gauge, SJT
Voltage compatibility (VAC)
120
Maximum Surge Amps
45000
LEDS ALARMS & SWITCHES
Switches
Lighted on/off power switch
Diagnostic LEDs
1 green "protected" LED confirms surge suppression is present
SURGE / NOISE SUPPRESSION
AC suppression joule rating
900
AC suppression response time
< 1 ns
Protection modes
Includes full normal mode (H-N) and common mode (N-G/H-G) line surge suppression
Clamping voltage (RMS)
150V
EMI / RFI filtering
Up to 20 dB
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
No
2 / 3


Similar Part No. - TLM626SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLM626NS ETC2-TLM626NS Datasheet
483Kb / 4P
   Power It! Safety Power Strip with 6 Outlets and 6-ft. Cord
More results

Similar Description - TLM626SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLM609SA ETC2-TLM609SA Datasheet
494Kb / 5P
   6 outlet, 9-ft cord, 1500 joule Safety Surge Suppressor - Rugged, Safe Surge Suppression for Industrial/Automotive/Factory Environments
TLM825SA ETC2-TLM825SA Datasheet
517Kb / 5P
   8 outlet, 25-ft cord, 3900 joule, Metal Safety Surge Suppressor - Rugged, Safe Surge Suppression for Industrial/Automotive/Factory Environments
TLM812SA ETC2-TLM812SA Datasheet
516Kb / 4P
   8 outlet, 12-ft cord, 1500 joule Safety Surge Suppressor - Rugged, Safe Surge Suppression for Industrial
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_07 Datasheet
81Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
   Thyristor Surge Suppressor
logo
Guangdong Juxing Electr...
TB120S JUXING-TB120S Datasheet
1Mb / 4P
   SURGE SUPPRESSOR BRIDGE
logo
Shindengen Electric Mfg...
KU10NU11 SHINDENGEN-KU10NU11 Datasheet
143Kb / 4P
   THYRISTOR Surge suppressor
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_12 Datasheet
808Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com