Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLM626SA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TLM626SA
Description  Safety Surge Suppressor - Rugged, Safe Surge Suppression for Industrial/Automotive/Factory
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLM626SA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TLM626SA Datasheet HTML 1Page - List of Unclassifed Manufacturers TLM626SA Datasheet HTML 2Page - List of Unclassifed Manufacturers TLM626SA Datasheet HTML 3Page - List of Unclassifed Manufacturers TLM626SA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Shipping Dimensions (HWD/in)
13.61 x 4.97 x 2.01
Shipping Dimensions (HWD/cm)
34.57 x 12.62 x 5.11
Shipping weight (lbs)
1.70
Shipping weight (kg)
0.77
Unit Dimensions (HWD/in)
12.23 x 2.30 x 1.28
Unit Dimensions (HWD/cm)
31.06 x 5.84 x 3.25
Unit weight (lbs)
1.46
Unit weight (kg)
0.66
Material of construction
Metal
Integrated keyhole mounting tabs
Yes
Receptacle Color
black
AC line cord color
yellow
Style
Strip
Outlets center to center
measurement
Distance between standard outlets = 30.40mm; Distance between transformer and standard outlets = 45mm
Keyhole slot center to center
measurement
155mm
CERTIFICATIONS
UL1449 3rd Edition (AC
Suppression)
UL1449 3rd Edition
cUL / CSA (Canada)
cUL
Approvals
cULus, RoHS
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$10,000 Ultimate Lifetime Insurance
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
3 / 3


Similar Part No. - TLM626SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLM626NS ETC2-TLM626NS Datasheet
483Kb / 4P
   Power It! Safety Power Strip with 6 Outlets and 6-ft. Cord
More results

Similar Description - TLM626SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLM609SA ETC2-TLM609SA Datasheet
494Kb / 5P
   6 outlet, 9-ft cord, 1500 joule Safety Surge Suppressor - Rugged, Safe Surge Suppression for Industrial/Automotive/Factory Environments
TLM825SA ETC2-TLM825SA Datasheet
517Kb / 5P
   8 outlet, 25-ft cord, 3900 joule, Metal Safety Surge Suppressor - Rugged, Safe Surge Suppression for Industrial/Automotive/Factory Environments
TLM812SA ETC2-TLM812SA Datasheet
516Kb / 4P
   8 outlet, 12-ft cord, 1500 joule Safety Surge Suppressor - Rugged, Safe Surge Suppression for Industrial
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_07 Datasheet
81Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
   Thyristor Surge Suppressor
logo
Guangdong Juxing Electr...
TB120S JUXING-TB120S Datasheet
1Mb / 4P
   SURGE SUPPRESSOR BRIDGE
logo
Shindengen Electric Mfg...
KU10NU11 SHINDENGEN-KU10NU11 Datasheet
143Kb / 4P
   THYRISTOR Surge suppressor
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_12 Datasheet
808Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com