Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3968SLBTR Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A3968SLBTR
Description  Dual Full-Bridge PWM Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3968SLBTR Datasheet(HTML) 6 Page - Allegro MicroSystems

  A3968SLBTR Datasheet HTML 1Page - Allegro MicroSystems A3968SLBTR Datasheet HTML 2Page - Allegro MicroSystems A3968SLBTR Datasheet HTML 3Page - Allegro MicroSystems A3968SLBTR Datasheet HTML 4Page - Allegro MicroSystems A3968SLBTR Datasheet HTML 5Page - Allegro MicroSystems A3968SLBTR Datasheet HTML 6Page - Allegro MicroSystems A3968SLBTR Datasheet HTML 7Page - Allegro MicroSystems A3968SLBTR Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Dual Full-Bridge PWM Motor Driver with Brake
A3968
6
Allegro MicroSystems, LLC
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Internal PWM Current Control.
The A3968 dual
full-bridges bidirectionally control two DC motors. An
internal fixed-frequency PWM control circuit controls the
the load current in each motor. The current-control circuitry
works as follows: when the outputs of the full-bridge are
turned on, current increases in the motor winding. The load
current is sensed by the current-control comparator via
an external sense resistor. RS. Load current continues to
increase until it reaches the predetermined value, set by the
selection of external current-sensing resistors and reference
input voltage (VREF) according to the equation:
ITRIP = IOUT + ISO = VREF/(4 RS)
where ISO is the sense-current error (typically 18 mA) due
to the base-drive current of the sink driver transistor.
At the trip point, the comparator resets the source-en-
able latch, turning off the source driver of that full-bridge.
The source turn-off of one full-bridge is independent of
the other full-bridge. Load inductance causes the current to
recirculate through the sink driver and ground-clamp diode.
The current decreases until the internal clock oscillator sets
the source-enable latches of both Full-bridges, turning on
the source drivers of both bridges. Load current increases
again, and the cycle is repeated.
The frequency of the internal clock oscillator is set by
the external timing components RTCT. The frequency can
be approximately calculated as:
fosc = 1/(RT CT + tblank)
where tblank is defined below.
The range of recommended values for RT and CT are
20 to 100 k
 and 470 to 1000 pF respectively. Nominal
values of 56 k
 and 680 pF result in a clock frequency of
25.4 kHz.
Current-Sense Comparator Blanking.
When the
source driver is turned on, a current spike occurs due to the
reverse-recovery currents of the clamp diodes and switch-
ing transients related to distributed capacitance in the load.
To prevent this current spike from erroneously resetting the
source enable latch, the current-control comparator output
is blanked for a short period of time when the source driver
is turned on. The blanking time is set by the timing compo-
nent CT according to the equation:
tblank = 1900 CT (μs).
A nominal CT value of 680 pF will give a blanking time
of 1.3 μs.
The current-control comparator is also blanked when
the load current changes polarity (direction or phase
change). This internally generated blank time is approxi-
mately 1.8 μs.
FUNCTIONAL DESCRIPTION
+
0
Dwg. WM-003-2
VPHASE
I
OUT
t
d
ITRIP
t
blank
INTERNAL
OSCILLATOR
BRIDGE
ON
SOURCE
OFF
BRIDGE
ON
R C
T T
ALL
OFF
Enlargement A
See Enlargement A
Dwg. EP-006-16
R S
BB
V
BRIDGE ON
SOURCE OFF
ALL OFF


Similar Part No. - A3968SLBTR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3968SLBTR-T ALLEGRO-A3968SLBTR-T Datasheet
265Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER WITH BRAKE
More results

Similar Description - A3968SLBTR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com