Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1326LUA-T2 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A1326LUA-T2
Description  Low Noise, Linear Hall Effect Sensor ICs with Analog Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1326LUA-T2 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1326LUA-T2 Datasheet HTML 1Page - Allegro MicroSystems A1326LUA-T2 Datasheet HTML 2Page - Allegro MicroSystems A1326LUA-T2 Datasheet HTML 3Page - Allegro MicroSystems A1326LUA-T2 Datasheet HTML 4Page - Allegro MicroSystems A1326LUA-T2 Datasheet HTML 5Page - Allegro MicroSystems A1326LUA-T2 Datasheet HTML 6Page - Allegro MicroSystems A1326LUA-T2 Datasheet HTML 7Page - Allegro MicroSystems A1326LUA-T2 Datasheet HTML 8Page - Allegro MicroSystems A1326LUA-T2 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Linear Hall Effect Sensor ICs with Analog Output
A1324, A1325,
and A1326
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OPERATING CHARACTERISTICS (continued) Valid throughout TA range, CBYPASS = 0.1 µF, VCC = 5 V; unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit1
Error Components (continued)
Quiescent Voltage Output Drift
Through Temperature Range
∆VOUT(Q)
Defined in terms of magnetic flux density, B
–10
10
G
Linearity Sensitivity Error
LinERR
–1.5
1.5
%
Symmetry Sensitivity Error
SymERR
–1.5
1.5
%
Ratiometry Quiescent Voltage
Output Error4
RatVOUT(Q)
Throughout supply voltage range (relative to
VCC = 5 V)
–1.3
1.3
%
Ratiometry Sensitivity Error4
RatSens
Throughout supply voltage range (relative to
VCC = 5 V), TA = 25°C and 150°C
–1.5
1.5
%
Throughout supply voltage range (relative to
VCC = 5 V), TA = –40°C
–2
2
%
Sensitivity Drift Due to Package
Hysteresis
∆SensPKG TA = 25°C, after temperature cycling
±2
%
1
1 G (gauss) = 0.1 mT (millitesla).
2
See Characteristic Definitions section.
3
fC varies up to approximately ±20% over the full operating ambient temperature range and process.
4
Percent change from actual value at VCC = 5 V, for a given temperature.


Similar Part No. - A1326LUA-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1326LUA-T2 ALLEGRO-A1326LUA-T2 Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1326LUA-T2 ALLEGRO-A1326LUA-T2 Datasheet
1,004Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
More results

Similar Description - A1326LUA-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1324-26 ALLEGRO-A1324-26 Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LUA-T ALLEGRO-A1324LUA-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324 Datasheet
292Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LLHLT-T ALLEGRO-A1324LLHLT-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324_16 Datasheet
1,004Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
A1360_V ALLEGRO-A1360_V Datasheet
623Kb / 26P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
logo
Honeywell Accelerometer...
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com