Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54A-KL2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BAT54A-KL2
Description  SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BAT54A-KL2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BAT54A-KL2 Datasheet HTML 1Page - List of Unclassifed Manufacturers BAT54A-KL2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-
MAKO SEMICONDUCTOR CO.,LIMITED
SCHOTTKY DIODES
FEATURES
Extremely Fast Switching Speed
MARKING:
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Limits
Unit
Peak Repetitive Peak reverse voltage
Working Peak Reverse Voltage
DC Blocking
Voltage
VRRM
VRWM
VR
30
V
Forward Continuous Current
IFM
200
mA
Power Dissipation
PD
200
mW
Storage temperature
TSTG
-55-150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse Breakdown Voltage
V(BR)R
30
V
IR=100μA
Forward voltage
VF1
0.24
V
IF=0.1mA
VF2
0.32
V
IF=1mA
VF3
0.40
V
IF=10mA
VF4
0.50
V
IF=30mA
VF5
1
V
IF=100mA
Reverse current
IR
2
μA
VR=25V
Diode Capacitance
CD
10
pF
VR=1V,f=1MHz
Reverse Recovery Time
trr
5
nS
IF=IR=10mA
Irr=0.1XIR,RL=100Ω
BAT54
KL1
BAT54A
KL 2
BAT54C KL 3
BAT54S
KL4
SOT-23
Encapsulate Diodes
BAT54/A/C/S
http://www.makosemi.hk/


Similar Part No. - BAT54A-KL2

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
BAT54A-KL2 MAKOSEMI-BAT54A-KL2 Datasheet
112Kb / 2P
   Extremely Fast Switching Speed
More results

Similar Description - BAT54A-KL2

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com