Electronic Components Datasheet Search |
|
L601E8 Datasheet(PDF) 6 Page - Littelfuse |
|
L601E8 Datasheet(HTML) 6 Page - Littelfuse |
6 / 8 page Sensitive Triacs Data Sheets http://www.littelfuse.com E1 - 6 ©2004 Littelfuse, Inc. +1 972-580-7777 Thyristor Product Catalog Electrical Isolation Teccor’s isolated triac packages withstand a minimum high potential test of 2500 V ac rms from leads to mounting tab over the device's operating temperature range. The following isolation table shows standard isolation ratings. * UL Recognized File #E71639 * Mounted on 1 cm2 copper foil surface; two-ounce copper foil Figure E1.1 Maximum Allowable Ambient Temperature versus On-state Current Figure E1.2 Maximum Allowable Case Temperature versus On-state Current (0.8 A and 1 A) Electrical Isolation from Leads to Mounting Tab V AC RMS TO-220 * 2500 Standard Thermal Resistance (Steady State) Junction to Mounting Tab and Junction to Ambient RθJC [RθJA] °C/W (TYP) Package Code EC F L F2 D V Type TO-92 Plastic Compak TO-202 Type 1 TO-220 Isolated TO-202 Type 2 TO-252 D-Pak TO-251 V-Pak 0.8 A 60 [135] 60 * 1 A 50 [95] 40 * 4A 3.5 [45] 3.6 [50] 6.0 [70] 3.5 6.0 [70] 6A 3.3 3.2 3.2 8A 2.8 2.7 2.7 20 40 60 80 100 120 RMS On-State Current [I T(RMS)] - Amps CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 360 ˚ FREE AIR RATING – NO HEATSINK TO-220 and TYPE 1 and 3 TO-202 TYPE 2 and 4 TO-202 and TO-251 0.8 A TO-92 1 A TO-92 25 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 50 60 70 80 90 100 110 CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 360˚ CASE TEMPERATURE: Measured as shown on Dimensional Drawings RMS On-State Current [IT(RMS)] – Amps 1 A 0.8 A |
Similar Part No. - L601E8 |
|
Similar Description - L601E8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |