Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF164D Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # SF164D
Description  16.0 Ampere Heatsink Common Anode Super Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SF164D Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  SF164D Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SF164D Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25
oC ambient temperature unless otherwise specified.
NOTES :
Features
Low forward voltage drop
Fast switching for high efficiency
GPP High current capability
Case: Heatsink TO-220AB
High surge current capability
Weight: 2.2 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
(1) Reverse recovery test conditions IF= 0.5A, IR= 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
Epoxy: UL 94V-0 rate flame retardant
TO-220AB
Unit : inch (mm)
®
SF164A thru SF167A
Pb Free Plating Product
SF164A thru SF167A
16.0 Ampere Heatsink Common Anode Super Fast Recovery Rectifiers
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Application
Pb
-55 to + 150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
140
200
400
280
600
420
600
16.0
10.0
175
0.98
35
250
90
2.2
UNIT
V
V
V
V
A
A
uA
uA
o
C
pF
oCW
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
o
C
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
o
C
Half sine-wave superimposed on rated load
(JEDEC method)
@ 8.0 A
At Rated DC Blocking Voltage @TJ=125
o
C
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
150
SF164C
SF164A
SF164D
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Suffix "A"
Suffix "D"
Suffix "C"
200
400
1.3
1.7
Automotive Inverters and Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
Rev.04/2014
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
Tandem Polarity
SF166C
SF166A
SF166D
SF167C
SF167A
SF167D


Similar Part No. - SF164D

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF164D RECTRON-SF164D Datasheet
30Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
SF164D THINKISEMI-SF164D Datasheet
345Kb / 2P
   16.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
More results

Similar Description - SF164D

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SF161CA THINKISEMI-SF161CA Datasheet
345Kb / 2P
   16.0 Ampere Heatsink Dual Common Anode Super Fast Recovery Rectifiers
SF161A THINKISEMI-SF161A Datasheet
345Kb / 2P
   16.0 Ampere Heatsink Dual Common Anode Super Fast Recovery Rectifiers
SF161CTA THINKISEMI-SF161CTA Datasheet
346Kb / 2P
   16.0 Ampere Heatsink Dual Common Anode Super Fast Recovery Rectifiers
SPR161A THINKISEMI-SPR161A Datasheet
345Kb / 2P
   16.0 Ampere Heatsink Dual Common Anode Super Fast Recovery Rectifiers
MUR1680CTR THINKISEMI-MUR1680CTR Datasheet
348Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
FUR1620CTA THINKISEMI-FUR1620CTA Datasheet
345Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
U16C20A THINKISEMI-U16C20A Datasheet
240Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
F16C20A THINKISEMI-F16C20A_V01 Datasheet
423Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
TUR1620CTA THINKISEMI-TUR1620CTA Datasheet
345Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
U16C20A THINKISEMI-U16C20A_V01 Datasheet
344Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com