Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS7415-15 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SS7415-15
Description  16 outlet, 15-ft cord, 450 joule Power Strip with Surge Suppression
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SS7415-15 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SS7415-15 Datasheet HTML 1Page - List of Unclassifed Manufacturers SS7415-15 Datasheet HTML 2Page - List of Unclassifed Manufacturers SS7415-15 Datasheet HTML 3Page - List of Unclassifed Manufacturers SS7415-15 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Unit Dimensions (HWD/cm)
121.92 x 3.81 x 3.81
Mounting accessories included
Set of adjustable mounting clamps
Receptacle Color
Black
AC line cord color
Black
Outlets center to center
measurement
67mm
CERTIFICATIONS
UL1449 3rd Edition (AC
Suppression)
UL1449 3rd EDITION
UL1363 (Power Tap)
UL1363
cUL / CSA (Canada)
cUL
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
3 / 3


Similar Part No. - SS7415-15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SS7415-15 TRIPPLITE-SS7415-15 Datasheet
161Kb / 4P
   16-Outlet Industrial Surge Protector, 15 ft. (4.57 m) Cord, 1650 Joules, Metal Housing, 48 in. Length
More results

Similar Description - SS7415-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS4816 ETC2-PS4816 Datasheet
462Kb / 4P
   16-outlet Vertical Power Strip with 15-ft. Cord
SUPER7 ETC2-SUPER7 Datasheet
487Kb / 4P
   7 outlet, 7-ft cord, 2160 joule strip - Protect It! Surge Suppressor
TLP606 ETC2-TLP606 Datasheet
493Kb / 4P
   6-outlet, 6-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP604 ETC2-TLP604 Datasheet
496Kb / 4P
   6 outlet, 4-ft cord, 790 joule strip - Protect It! Surge Suppressor
STRIKER ETC2-STRIKER Datasheet
484Kb / 4P
   7 outlet, 6-ft cord, 1080 joule strip - Protect It! Surge Suppressor
PS7224 ETC2-PS7224 Datasheet
461Kb / 4P
   24-outlet Vertical Power Strip with 15-ft. Cord
PS3612 ETC2-PS3612 Datasheet
463Kb / 4P
   12-outlet Vertical Power Strip with 15-ft. Cord
PS2408 ETC2-PS2408 Datasheet
464Kb / 3P
   8-outlet Vertical Power Strip with 15-ft. Cord
PS6020 ETC2-PS6020 Datasheet
462Kb / 4P
   20-outlet Vertical Power Strip with 15-ft. Cord
TLP712B ETC2-TLP712B Datasheet
480Kb / 4P
   7 outlet, 12-ft cord, 1080 joule, black strip - Protect It! Surge Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com