Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5108 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R5108
Description  PHOTOMULTlPLlER TUBE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R5108 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R5108 Datasheet HTML 1Page - Hamamatsu Corporation R5108 Datasheet HTML 2Page - Hamamatsu Corporation R5108 Datasheet HTML 3Page - Hamamatsu Corporation R5108 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Figure 2: Typical Spatial Uniformity
TPMSB0066EA
Y
X
100
80
60
40
20
0
84
0
4
8
DISTANCE FROM CENTER OF
PHOTOCATHODE (mm)
100
80
60
40
20
0
9
4.5
0
9
4.5
DISTANCE FROM CENTER OF
PHOTOCATHODE (mm)
SPOTSIZE : 1mm DIA
SUPPLY VOLTAGE : 1000V
WAVELENGTH : 400nm
X-Axis
Y-Axis
Supply Voltage
Between Anode and Cathode
Between Anode and Last Dynode
1500
250
0.1
Vdc
Vdc
mA
Average Anode Current A
CHARACTERISTlCS (at 25
)
NOTES
Cathode Sensitivity
Anode Dark Current D
(after 30min. storage in the darkness)
A:
B:
C:
Averaged over any interval of 30 seconds
maximum.
The light source is a tungsten filament lamp
operated at a distribution temperature of 2856K.
Supply voltage is 150 volts between the cathode
and all other electrodes connected together as
anode.
Measured with the same light source as Note B
and with the voltage distribution ratio shown in
Table 1 below.
Radiant at 800nm
Anode Pulse Rise Time E
Electron Transit Time F
Time Response
Electrodes
K
Dy1 Dy2 Dy3 Dy4 Dy5 Dy6 Dy7 Dy8 Dy9
P
Ratio
1
111
1
1
1111
SuppIy Voltage : 1250Vdc
K : Cathode, Dy : Dynode, P : Anode
Quantum Efficiency at 1060nm
0.04
Gain C
3.0
105
MAXIMUM RATINGS (Absolute Maximum Values)
Parameter
Value
Unit
PHOTOMULTlPLlER TUBE R5108
Luminous B
10
2.2
25
Table 1:Voltage Distribution Ratio
Parameter
Typ.
Min.
Max.
Unit
Anode Sensitivity
Luminous C
1.2
18
mA/W
ns
ns
A/lm
%
nA
3.5
7.5
1000
350
A/lm
D:
E:
F:
Measured at the voltage which gives anode
luminous sensitivity of 4A/lm.
The rise time is the time for the output pulse to
rise from 10% to 90% of the peak amplitude when
the entire photocathode is illuminated by a delta
function light pulse.
The electron transit time is the interval between
the arrival of delta function light pulse at the
entrance window of the tube and the time when
the anode output reaches the peak amplitude. In
measurement, the whole photocathode is
illuminated.


Similar Part No. - R5108

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5108G RICOH-R5108G Datasheet
458Kb / 13P
   Microprocessor Supervisory Circuit
logo
Hamamatsu Corporation
R5108 HAMAMATSU-R5108_03 Datasheet
205Kb / 4P
   PHOTOMULTIPLIER TUBE 28 mm (1-1/8 Inch) Transmission Mode S-1 Photocathode, Side-on Type
More results

Similar Description - R5108

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1387 HAMAMATSU-R1387 Datasheet
21Kb / 2P
   PHOTOMULTlPLlER TUBE
R580 HAMAMATSU-R580 Datasheet
22Kb / 2P
   PHOTOMULTlPLlER TUBE
R6091 HAMAMATSU-R6091 Datasheet
22Kb / 2P
   PHOTOMULTlPLlER TUBE
R3998-02 HAMAMATSU-R3998-02 Datasheet
22Kb / 2P
   PHOTOMULTlPLlER TUBE
R2066 HAMAMATSU-R2066 Datasheet
21Kb / 2P
   PHOTOMULTlPLlER TUBE
R2248 HAMAMATSU-R2248 Datasheet
18Kb / 2P
   PHOTOMULTlPLlER TUBE
R2228 HAMAMATSU-R2228 Datasheet
22Kb / 2P
   PHOTOMULTlPLlER TUBE
R2257 HAMAMATSU-R2257 Datasheet
25Kb / 2P
   PHOTOMULTlPLlER TUBE
R5496 HAMAMATSU-R5496 Datasheet
59Kb / 2P
   PHOTOMULTlPLlER TUBE
R5929 HAMAMATSU-R5929 Datasheet
37Kb / 2P
   PHOTOMULTlPLlER TUBE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com