Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN-0134 Datasheet(PDF) 1 Page - Analog Devices

Part # CN-0134
Description   Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CN-0134 Datasheet(HTML) 1 Page - Analog Devices

  CN-0134 Datasheet HTML 1Page - Analog Devices CN-0134 Datasheet HTML 2Page - Analog Devices CN-0134 Datasheet HTML 3Page - Analog Devices CN-0134 Datasheet HTML 4Page - Analog Devices CN-0134 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Circuit Note
CN-0134
Circuits from the Lab™ tested circuit designs address
common design challenges and are engineered for
quick and easy system integration. For more information
and/or support, visit www.analog.com/CN0134.
Devices Connected/Referenced
ADF4350
Fractional-N PLL IC with Integrated VCO
ADL5375
Wideband Transmit Modulator
ADP150
Low Noise 3.3 V LDO
ADP3334
Low Noise Adjustable LDO
Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
Rev. B
Circuitsfromthe Lab™circuitsfromAnalogDeviceshave beendesignedandbuiltbyAnalogDevices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com/circuits
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Boards
CN-0134 Evaluation Board (CFTL-CN0134-EVALZ)
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
This circuit is a complete implementation of the analog portion
of a broadband direct conversion transmitter (analog baseband
in, RF out). RF frequencies from 500 MHz to 4.4 GHz are
supported through the use of a PLL with a broadband
integrated voltage controlled oscillator (VCO). Harmonic
filtering of the LO from the PLL ensures excellent quadrature
accuracy.
22nF
10nF
330nF
180Ω
82Ω
IBBP
IBBN
LOIP
LOIN
QBBP
QBBN
ADF4350
VVCO
VVCO
VDD
3.3V
CPGND
AGND
DGND
RFOUTB–
RFOUTB+
CPOUT
1nF
1nF
4.7kΩ
RSET
LE
DATA
CLK
REFIN
FREFIN
VTUNE
DVDD AVDD CE
10
28
16
29
1
2
3
22
8
31
9
11 18 21
27
51Ω
AGNDVCO
14
15
17
20
7
PDBRF
26
SDGND
6
32
SDVDD
VP
5
SW
4
ADL5375
RFOUT
RFOUTA–
RFOUTA+
13
12
VVCO
ZBIAS
ZBIAS
QUADRATURE
PHASE
SPLITTER
I/Q SMA INPUTS
I/Q SMA INPUTS
ADP150
1µF
1µF
5.5V
5.0V
VPS1, VPS2
ADP3334
1µF
1µF
5.5V
Figure 1. Direct Conversion Transmitter (Simplified Schematic: All Connections and Decoupling Not Shown)


Similar Part No. - CN-0134

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CN-0109 AD-CN-0109 Datasheet
121Kb / 3P
   Low Jitter Sampling Clock Generator for High Performance ADCs
REV. 0
CN-0121 AD-CN-0121 Datasheet
390Kb / 3P
   Synchronizing Multiple AD9910 1 GSPS Direct Digital Synthesizers
REV. A
CN-0140 AD-CN-0140 Datasheet
198Kb / 4P
   High Performance, Dual Channel IF Sampling Receiver
REV. 0
CN-0144 AD-CN-0144 Datasheet
238Kb / 4P
   Broadband Low Error Vector Magnitude Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. C
CN-0147 AD-CN-0147 Datasheet
258Kb / 4P
   Powering a Fractional-N Voltage Controlled Oscillator with Low Noise LDO Regulators for Reduced Phase Noise
REV. C
More results

Similar Description - CN-0134

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CN-0285 AD-CN-0285 Datasheet
471Kb / 5P
   Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
REV. 0
CN-0311 AD-CN-0311 Datasheet
155Kb / 4P
   Broadband, Low Error Vector Magnitude (EVM) Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. 0
CN-0144 AD-CN-0144 Datasheet
238Kb / 4P
   Broadband Low Error Vector Magnitude Direct Conversion Transmitter Using LO Divide-by-2 Modulator
REV. C
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Asahi Kasei Microsystem...
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
   Direct Conversion Transceiver
logo
Intersil Corporation
ISL3680 INTERSIL-ISL3680 Datasheet
44Kb / 1P
   Direct Conversion Transceiver
logo
Asahi Kasei Microsystem...
AK2401 AKM-AK2401 Datasheet
2Mb / 103P
   Direct Conversion Transceiver
logo
Broadcom Corporation.
BCM3419 BOARDCOM-BCM3419 Datasheet
76Kb / 1P
   ADVANCED LOW IF DIRECT CONVERSION CABLE TUNER
BCM3419 BOARDCOM-BCM3419_06 Datasheet
156Kb / 2P
   ADVANCED LOW IF DIRECT CONVERSION CABLE TUNER
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com