Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A44 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # A44
Description  Flexible Ultra-Low Jitter Clock Synthesizer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

A44 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button A44 Datasheet HTML 3Page - Micrel Semiconductor A44 Datasheet HTML 4Page - Micrel Semiconductor A44 Datasheet HTML 5Page - Micrel Semiconductor A44 Datasheet HTML 6Page - Micrel Semiconductor A44 Datasheet HTML 7Page - Micrel Semiconductor A44 Datasheet HTML 8Page - Micrel Semiconductor A44 Datasheet HTML 9Page - Micrel Semiconductor A44 Datasheet HTML 10Page - Micrel Semiconductor A44 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Micrel, Inc.
SM803020
July 22, 2013
7
Revision 1.0
hbwhelp@micrel.com or (408) 955-1690
HCSL DC Electrical Characteristics
VDDCore = VDD = VDD0 = 3.3V ±5% or 2.5V ±5%, TA = –40°C to +85°C, unless otherwise noted. RL = 50Ω to VSS.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOH
Output High Voltage
600
700
850
mV
VOL
Output Low Voltage
150
0
27
mV
VCROSS
Crossing Point Voltage
0.350
V
REF_IN DC Electrical Characteristics
VDD = 3.3V ±5% or 2.5V ±5%, TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VCMR
Input Common Mode Voltage
0.3
VDD − 0.3
V
VSWING
Input Voltage Swing
Peak to Peak, each side of the Diff Input
0.2
VPP
Crystal Characteristics
Parameter
Condition
Min.
Typ.
Max.
Units
Mode of Oscillation
12pF Load Typical
Fundamental, Parallel Resonant
Frequency
39.0625
MHz
Equivalent Series Resistance (ESR)
60
Ω
Load Capacitance, CL
12
pF
Shunt Capacitor, C0
2
4
pF
Correlation Drive Level
10
100
µW


Similar Part No. - A44

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
A44 JIANGSU-A44 Datasheet
294Kb / 3P
   TRANSISTOR竊?NPN 竊
logo
SeCoS Halbleitertechnol...
A44 SECOS-A44 Datasheet
314Kb / 3P
   NPN Silicon Plastic-Encapsulate Transistor
logo
Daya Electric Group Co....
A44 DAYA-A44 Datasheet
264Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
logo
Shenzhen Jin Yu Semicon...
A44 HTSEMI-A44 Datasheet
178Kb / 1P
   TRANSISTOR (NPN)
logo
Nanjing International G...
A44 DGNJDZ-A44 Datasheet
304Kb / 1P
   Low Collector-Emitter Saturation Voltage
More results

Similar Description - A44

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SM813XXX MICROCHIP-SM813XXX Datasheet
477Kb / 21P
   Flexible Ultra-Low Jitter Clock Synthesizer
07/14/15
logo
Micrel Semiconductor
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840021 MICREL-SM840021 Datasheet
342Kb / 10P
   125MHz Ultra-Low Jitter Clock Synthesizer
SM840051 MICREL-SM840051 Datasheet
297Kb / 10P
   10 Gigabit Ethernet Ultra-Low Jitter Clock Synthesizer
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Micrel Semiconductor
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM840004-11 MICREL-SM840004-11 Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
   FlexOut Ultra Low Jitter Clock Generator
logo
Micrel Semiconductor
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com