Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92660 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92660
Description  Two-String LED Driver with IC OTP ROM Current Trim
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92660 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS92660 Datasheet HTML 2Page - Texas Instruments TPS92660 Datasheet HTML 3Page - Texas Instruments TPS92660 Datasheet HTML 4Page - Texas Instruments TPS92660 Datasheet HTML 5Page - Texas Instruments TPS92660 Datasheet HTML 6Page - Texas Instruments TPS92660 Datasheet HTML 7Page - Texas Instruments TPS92660 Datasheet HTML 8Page - Texas Instruments TPS92660 Datasheet HTML 9Page - Texas Instruments TPS92660 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SVDD
SCL
SDA
REF
SADJ
LADJ
RON
VO
COMP
NC
EN/UVLO
VIN
VCC
BOOT
GATE
SW
LNG
LNCS
CS
GND
NC – No internal connection
Exposed
Thermal
Pad
TPS92660
SLUSBC2 – APRIL 2013
www.ti.com
DEVICE INFORMATION
TSSOP PACKAGE
20-PINS
(TOP VIEW)
PIN FUNCTIONS(1)
NAME
NO.
I/O
DESCRIPTION
SVDD
1
P
I2C VDD input.
SCL
2
I
I2C clock input.
SDA
3
I/O
I2C data input/output.
REF
4
O
3.0V output reference.
SADJ
5
I
Switching regulator dimming input.
LADJ
6
I
Linear regulator dimming input.
RON
7
I
Connect to resistor and capacitor which sets the switching frequency of the switching regulator.
VO
8
I
Output voltage sense for control and protection.
COMP
9
O
Switching regulator error amplifier (EA) compensation connection.
NC
10
-
No internal connection.
GND
11
G
System ground connection.
CS
12
I
Switching regulator LED Current sense input.
LNCS
13
I
Linear regulator current sense input.
LNG
14
O
Linear FET gate driver output.
SW
15
I
Connect to the switch node of the switching regulator.
GATE
16
O
Switching controller high-side N-channel FET driver output.
BOOT
17
I
MOSFET drive bootstrap pin.
VCC
18
O
Output of internal regulator. Bypass it with 1µFminimum ceramic capacitor to GND.
VIN
19
P
Input voltage supply for device. Maximum of 80V operating voltage.
EN/UVLO
20
I
This pin is a multi function input. Enable of device, Under-voltage lock-out (UVLO).
DAP
-
-
Exposed thermal pad. Connected to the system ground. Place vias on DAP.
(1)
I=Input, O=Output, P=Power, G=Ground
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS92660


Similar Part No. - TPS92660

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92660 TI1-TPS92660 Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWP TI1-TPS92660PWP Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWP/NOPB TI1-TPS92660PWP/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWPR TI1-TPS92660PWPR Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWPR/NOPB TI1-TPS92660PWPR/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
More results

Similar Description - TPS92660

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92660 TI1-TPS92660_16 Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
logo
SHANGHAI BELLING CO., L...
BL9590 BELLING-BL9590 Datasheet
1Mb / 23P
   Six-String White LED Driver with Active Current
logo
Linear Technology
LT3598 LINER-LT3598 Datasheet
341Kb / 20P
   6-String 30mA LED Driver with 1.5% Current Matching
LT3598 LINER-LT3598_1 Datasheet
401Kb / 24P
   6-String 30mA LED Driver with 1.5% Current Matching
logo
OKI electronic componet...
MSM6378A OKI-MSM6378A Datasheet
329Kb / 12P
   OTP ROM Built-in Voice Synthesis IC
logo
Linear Technology
LT3598 LINER-LT3598_15 Datasheet
407Kb / 24P
   6-String 30mA LED Driver
logo
ATMEL Corporation
MSL1060AW ATMEL-MSL1060AW Datasheet
2Mb / 20P
   6-string PWM LED Driver with Digitally Compensated, 1.1MHz 48V Boost Regulator and 짹1.5% LED String Current Balance
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
logo
OKI electronic componet...
MSM98P05 OKI-MSM98P05 Datasheet
151Kb / 14P
   Voice Synthesis IC with Built-in 2-Mbit OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com