Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92660 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92660
Description  Two-String LED Driver with IC OTP ROM Current Trim
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92660 Datasheet(HTML) 1 Page - Texas Instruments

  TPS92660 Datasheet HTML 1Page - Texas Instruments TPS92660 Datasheet HTML 2Page - Texas Instruments TPS92660 Datasheet HTML 3Page - Texas Instruments TPS92660 Datasheet HTML 4Page - Texas Instruments TPS92660 Datasheet HTML 5Page - Texas Instruments TPS92660 Datasheet HTML 6Page - Texas Instruments TPS92660 Datasheet HTML 7Page - Texas Instruments TPS92660 Datasheet HTML 8Page - Texas Instruments TPS92660 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
UDG-12217
SVDD
SCL
SDA
SADJ
LADJ
CS
COMP
LNG
LNCS
GND
VIN
VCC
GATE
SW
BOOT
EN/UVLO
RON
VO
GND
REF
VCC
LED1+
TPS92660
VOUT1
I
2
C
Interface
Dimming
Signal
AC/DC
Front End
VOUT2
LED2+
LED1+
LED2+
TPS92660
www.ti.com
SLUSBC2 – APRIL 2013
Two-String LED Driver with I2C OTP ROM Current Trim
Check for Samples: TPS92660
1
FEATURES
APPLICATIONS
2
Input Voltage: Up to 80 V
Professional Lighting
Two-Output LED Current Controller
Industrial and Commercial Lighting
LED Currents Trimmed Through One-Time
General Illumination
Programmable (OTP) ROM with I2C Interface
DESCRIPTION
Adjustable SADJ and LADJ Pins for PWM
The TPS92660 is a two-output LED driver with one
Dimming of Each LED String
time programmable (OTP) ROM and I2C interface for
Input Undervoltage Lockout and Output
LED current trim. The current trim provides a way for
Overvoltage Protection
LED fixture manufacturers to produce LED lighting
Enable On/Off
fixtures at a consistent lumen output without binning
LEDs.
Accurate 3.0-V Reference Voltage
> 95% Efficiency
One output of the device is a non-synchronous buck
controller which is used to regulate current of higher
Thermal Shutdown Protection
power white LEDs. The other output of the device is a
20-pin TSSOP Exposed Pad Package
linear regulator controller which is used to regulate
current of lower power red LEDs. The TPS92660 is
used for applications of controlled CCT (correlated
color temperature) LED lights by mixing white LEDs
with red LEDs.
This device is available in a 20-pin, TSSOP exposed
pad package.
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS92660

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92660 TI1-TPS92660 Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWP TI1-TPS92660PWP Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWP/NOPB TI1-TPS92660PWP/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWPR TI1-TPS92660PWPR Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
TPS92660PWPR/NOPB TI1-TPS92660PWPR/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
More results

Similar Description - TPS92660

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92660 TI1-TPS92660_16 Datasheet
1Mb / 29P
[Old version datasheet]   Two-String LED Driver with I2C OTP ROM Current Trim
logo
SHANGHAI BELLING CO., L...
BL9590 BELLING-BL9590 Datasheet
1Mb / 23P
   Six-String White LED Driver with Active Current
logo
Linear Technology
LT3598 LINER-LT3598 Datasheet
341Kb / 20P
   6-String 30mA LED Driver with 1.5% Current Matching
LT3598 LINER-LT3598_1 Datasheet
401Kb / 24P
   6-String 30mA LED Driver with 1.5% Current Matching
logo
OKI electronic componet...
MSM6378A OKI-MSM6378A Datasheet
329Kb / 12P
   OTP ROM Built-in Voice Synthesis IC
logo
Linear Technology
LT3598 LINER-LT3598_15 Datasheet
407Kb / 24P
   6-String 30mA LED Driver
logo
ATMEL Corporation
MSL1060AW ATMEL-MSL1060AW Datasheet
2Mb / 20P
   6-string PWM LED Driver with Digitally Compensated, 1.1MHz 48V Boost Regulator and 짹1.5% LED String Current Balance
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
logo
OKI electronic componet...
MSM98P05 OKI-MSM98P05 Datasheet
151Kb / 14P
   Voice Synthesis IC with Built-in 2-Mbit OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com