Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5900U-01-L16 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R5900U-01-L16
Description  LINEAR ARRAY MULTIANODE PMT AND ASSEMBLY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R5900U-01-L16 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R5900U-01-L16 Datasheet HTML 1Page - Hamamatsu Corporation R5900U-01-L16 Datasheet HTML 2Page - Hamamatsu Corporation R5900U-01-L16 Datasheet HTML 3Page - Hamamatsu Corporation R5900U-01-L16 Datasheet HTML 4Page - Hamamatsu Corporation R5900U-01-L16 Datasheet HTML 5Page - Hamamatsu Corporation R5900U-01-L16 Datasheet HTML 6Page - Hamamatsu Corporation R5900U-01-L16 Datasheet HTML 7Page - Hamamatsu Corporation R5900U-01-L16 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
300 to 650
300 to 880
185 to 650
185 to 880
300 to 920
300 to 650
300 to 880
185 to 650
185 to 880
300 to 920
50
150
50
150
350
50
150
50
150
350
8.5
8.5
8.5
8.5
B
B
U
U
B
B
B
U
U
B
-800
J
-800
J
-800
J
-800
J
-800
J
-800
-800
-800
-800
-800
R5900U-00-L16
R5900U-01-L16
R5900U-03-L16
R5900U-04-L16
R5900U-20-L16
H7260K
H7260-01
H7260-03
H7260-04
H7260-20
Notes:
G BA: Bialkali MA: Multialkali
H B: Borosilicate glass U: UV glass
I Measured at the peak wavelength
Type No.
Window
Material
Range
Cathode Characteristics
Spectral Response
H
I
G
Blue
Sens.
Index
(CS 5-58)
Typ.
0.3
0.3
0.45
0.3
0.3
0.45
Red
/White
Ratio
(R-68)
Typ.
72
65
72
65
78
72
65
72
65
78
Radiant
Typ.
Supply
Voltage
(V dc)
Luminous
Min.
(
µA/lm)
70
250
70
250
500
70
250
70
250
500
Typ.
(
µA/lm)
(mA/W)
(nm)
420
420
420
420
630
420
420
420
420
630
Peak
Wavelength
BA
MA
BA
MA
MA
BA
MA
BA
MA
MA
Photocathode
Material
(nm)
R5900U-L16 SERIES
H7260 SERIES
Notes:
A MC: Metal Channel
B P.O.M: polyoxymethylene
Type No.
Anode Type
Outline No.
AB
Dynode
Structure
/ No. of
Stages
16 Channel Linear Array
32 Channel Linear Array
MC/10
MC/10
1 (See Fig.8)
2 (See Fig.13)
0.8
× 16
0.8
× 7
Effective
Area per
Channel
(mm)
P.O.M.
P.O.M.
Insulation
Cover
Material
1
1
Channel
Pitch
(mm)
35
62
Weight
(g)
LINEAR ARRAY MULTIANODE PMT AND ASSEMBLY
R5900U-L16 SERIES, H7260 SERIES
SPECIFICATIONS


Similar Part No. - R5900U-01-L16

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5900U-01-M4 HAMAMATSU-R5900U-01-M4 Datasheet
165Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
More results

Similar Description - R5900U-01-L16

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H11460-03 HAMAMATSU-H11460-03 Datasheet
542Kb / 12P
   LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
H9530 HAMAMATSU-H9530 Datasheet
135Kb / 2P
   8 CHANNEL LINEAR ARRAY MULTIANODE PMT ASSEMBLY
H10515B HAMAMATSU-H10515B_15 Datasheet
560Kb / 12P
   LINEAR ARRAY MULTIANODE PMT ASSEMBLIES AND MODULES
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711 Datasheet
86Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711_07 Datasheet
166Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8500 HAMAMATSU-H8500 Datasheet
177Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
R5900U-M4 HAMAMATSU-R5900U-M4 Datasheet
165Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
R5900U-00-M4 HAMAMATSU-R5900U-00-M4 Datasheet
74Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com