Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5929 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R5929
Description  PHOTOMULTlPLlER TUBE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R5929 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R5929 Datasheet HTML 1Page - Hamamatsu Corporation R5929 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TPMH1098E04
DEC. 1999
Figure 2: Dimensional Outline and Basing Diagram (Unit: mm)
TPMHA0016EC
TACCA0004EA
Socket (supplied)
(E678-14C)
26
35
44
25
2- 3.5
HAMAMATSU PHOTONICS K.K., Electron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: Lough Point, 2 Gladbeck Way, Windmill Hill, Enfield, Middlesex EN2 7JA, United Kingdom, Telephone: 44(20)8-367-3560, Fax: 44(20)8-367-6384
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741
HOMEPAGE URL http://www.hamamatsu.com
1
2
3
4
5
6
7
8
9
10
11
12
13
14
IC
DY3
DY2
DY7
DY9
DY11
P
DY10
DY8
DY6
DY4
DY5
K
DY1
SHORT PIN
28.5
± 0.5
25MIN.
FACEPLATE
PHOTOCATHODE
14 PIN BASE
PHOTOMULTlPLlER TUBE R5929
Figure 1: Typical Spectral Response
TPMHB0054ED
Wavelength
(nm)
400
+30
500
+35
600
+70
700
+150
800
+500
Ratio of
Sensitivity
Increase
(%)
WAVELENGTH (nm)
0.01
0.1
1
10
100
200
300
400
500
600
700
800
900
1000
CATHODE
RADIANT
SENSITIVITY
QUANTUM
EFFICIENCY
R5070
R5929
STANDARD
MULTIALKALI


Similar Part No. - R5929

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5924 HAMAMATSU-R5924 Datasheet
20Kb / 2P
   PHOTOMULTIPLIER TUBE
More results

Similar Description - R5929

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5108 HAMAMATSU-R5108 Datasheet
59Kb / 4P
   PHOTOMULTlPLlER TUBE
R1387 HAMAMATSU-R1387 Datasheet
21Kb / 2P
   PHOTOMULTlPLlER TUBE
R580 HAMAMATSU-R580 Datasheet
22Kb / 2P
   PHOTOMULTlPLlER TUBE
R6091 HAMAMATSU-R6091 Datasheet
22Kb / 2P
   PHOTOMULTlPLlER TUBE
R3998-02 HAMAMATSU-R3998-02 Datasheet
22Kb / 2P
   PHOTOMULTlPLlER TUBE
R2066 HAMAMATSU-R2066 Datasheet
21Kb / 2P
   PHOTOMULTlPLlER TUBE
R2248 HAMAMATSU-R2248 Datasheet
18Kb / 2P
   PHOTOMULTlPLlER TUBE
R2228 HAMAMATSU-R2228 Datasheet
22Kb / 2P
   PHOTOMULTlPLlER TUBE
R2257 HAMAMATSU-R2257 Datasheet
25Kb / 2P
   PHOTOMULTlPLlER TUBE
R5496 HAMAMATSU-R5496 Datasheet
59Kb / 2P
   PHOTOMULTlPLlER TUBE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com