Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5900U-20-L16 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # R5900U-20-L16
Description  LINEAR ARRAY MULTIANODE PMT AND ASSEMBLY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R5900U-20-L16 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  R5900U-20-L16 Datasheet HTML 1Page - Hamamatsu Corporation R5900U-20-L16 Datasheet HTML 2Page - Hamamatsu Corporation R5900U-20-L16 Datasheet HTML 3Page - Hamamatsu Corporation R5900U-20-L16 Datasheet HTML 4Page - Hamamatsu Corporation R5900U-20-L16 Datasheet HTML 5Page - Hamamatsu Corporation R5900U-20-L16 Datasheet HTML 6Page - Hamamatsu Corporation R5900U-20-L16 Datasheet HTML 7Page - Hamamatsu Corporation R5900U-20-L16 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
50
75
50
75
175
50
75
50
75
175
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.18
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
280
250
280
250
500
140
250
140
250
500
3
3
3
3
3
3
3
3
3
3
0.8
0.8
0.8
0.8
0.8
0.6
0.6
0.6
0.6
0.6
4
× 106
1
× 106
4
× 106
1
× 106
1
× 106
2
× 106
1
× 106
2
× 106
1
× 106
1
× 106
Notes:
J Refer to the "voltage distribution ratio and voltage" shown below
K Anode characteristics are measured with the supply voltage and voltage distribution ratio specified by note J
Rise Time
(ns)
Transit Time
Spread
(FWHM)
(ns)
Uniformity
Between Each
Anode
R5900U-00-L16
R5900U-01-L16
R5900U-03-L16
R5900U-04-L16
R5900U-20-L16
H7260K
H7260-01
H7260-03
H7260-04
H7260-20
Type No.
(at 25
°C)
Anode Characteristics
K
Pulse
Linearity
per
Channel
(
±2 %
deviation)
Cross-talk
(A/lm)
Typ.
Typ.
Typ.
Max.
Typ.
(A/lm)
(nA)
Min.
0.2
0.5
0.2
0.5
1
0.2
0.5
0.2
0.5
1
1: 2
1: 2.5
1: 2
1: 2.5
1: 2.5
1: 2
1: 2.5
1: 2
1: 2.5
1: 2.5
1: 1.5
1: 1.7
1: 1.5
1: 1.7
1: 1.7
1: 1.5
1: 1.7
1: 1.5
1: 1.7
1: 1.7
2
5
2
5
10
2
5
2
5
10
(nA)
(mA)
(%)
Max.
Typ.
Luminous
Time Response
Dark Current
per Channel
(After 30 min.)
Gain
Notes:
C *: Supplied No mark: Sold separately
D The maximum ambient temperature range
R5900U-L16 SERIES: -30
°C to +50 °C
R7260 SERIES: 0
°C to +50 °C
E Averaged over any interval of 30 seconds maximum.
F Measured with the maximum supply voltage.
R5900U-L16 SERIES
H7260 SERIES
Type No.
(at 25
°C)
C
EE
Socket
/
Socket
Assembly
Maximum Ratings
D
Total
Average
Anode
Current
(
µA)
Supply
Voltage
(V dc)
-900
-900
Voltage
Divider
Current
(mA)
0.37
F
100
100
10
6
E678-32B / E6736
SD-108-T-22* / —
Average
Anode
Current
per
Channel
(
µA)
Supply Voltage: 800 V, K: Cathode, Dy: Dynode, P: Anode
Electrodes
Distribution
K
Dy1
1
Dy2
1
• • •
1
Dy10
• • •
P
1


Similar Part No. - R5900U-20-L16

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5900U-20-M4 HAMAMATSU-R5900U-20-M4 Datasheet
165Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
More results

Similar Description - R5900U-20-L16

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H11460-03 HAMAMATSU-H11460-03 Datasheet
542Kb / 12P
   LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
H9530 HAMAMATSU-H9530 Datasheet
135Kb / 2P
   8 CHANNEL LINEAR ARRAY MULTIANODE PMT ASSEMBLY
H10515B HAMAMATSU-H10515B_15 Datasheet
560Kb / 12P
   LINEAR ARRAY MULTIANODE PMT ASSEMBLIES AND MODULES
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711 Datasheet
86Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711_07 Datasheet
166Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8500 HAMAMATSU-H8500 Datasheet
177Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
R5900U-M4 HAMAMATSU-R5900U-M4 Datasheet
165Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
R5900U-00-M4 HAMAMATSU-R5900U-00-M4 Datasheet
74Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com