Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5984 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # R5984
Description  PHOTOMULTIPLIER TUBE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R5984 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  R5984 Datasheet HTML 1Page - Hamamatsu Corporation R5984 Datasheet HTML 2Page - Hamamatsu Corporation R5984 Datasheet HTML 3Page - Hamamatsu Corporation R5984 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 2: Typical Spectral Response
Figure 3: Anode Luminous Sensitivity and Gain
Characteristics
Figure 4: Temperature Characteristics of Dark Current
(at 1000 V)
TPMSB0003EB
TPMSB0163EA
TPMSB0121EB
TEMPERATURE (
°C)
0.01
-30
0
30
50
0.1
1
10
100
WAVELENGTH (nm)
100
0.01
300
200
400
600
700
500
800
900 1000
0.1
1
10
100
CATHODE RADIANT
SENSITIVITY
QUANTUM
EFFICIENCY
200
300
500
700
1000
10-2
1500
10-1
100
101
102
103
104
102
103
104
105
106
107
108
SUPPLY VOLTAGE (V)


Similar Part No. - R5984

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5984 HAMAMATSU-R5984 Datasheet
157Kb / 4P
   PHOTOMULTIPLIER TUBE
R5984 HAMAMATSU-R5984_06 Datasheet
157Kb / 4P
   PHOTOMULTIPLIER TUBE
More results

Similar Description - R5984

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
R9182-01 HAMAMATSU-R9182-01 Datasheet
217Kb / 2P
   PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
   PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
   PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com