Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS500HG Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IS500HG
Description  Isolation Transformer - Medical Grade line noise reduction and spike suppression
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IS500HG Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IS500HG Datasheet HTML 1Page - List of Unclassifed Manufacturers IS500HG Datasheet HTML 2Page - List of Unclassifed Manufacturers IS500HG Datasheet HTML 3Page - List of Unclassifed Manufacturers IS500HG Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Includes 4 widely spaced NEMA 5-15R hospital-grade output receptacles, a 10-ft. power cord, hospital-grade input plug, circuit breaker overload
protection and lighted power switch.
Rugged all-metal unit housing; ships ready for upright tower placement in any industrial, medical, office or network environment
Specifications
OVERVIEW
Amp Capacity
4.2A at 120V AC
Efficiency
96%
Form Factor
Small tower format
Input Plug Type
NEMA 5-15P-HG
Leakage Current
Less than 100 microamps
Let-through Voltage (Combination
Wave)
L-N: 250V L-G: 250V N-G: 0.5V
Let-through Voltage (Ring Wave)
L-N: 20V L-G: 20V N-G: 0.5V
Noise Suppression Rating
35-65 DB
Nominal Voltage / Frequency
120 /60Hz
Output Receptacle Qty / Type
4 NEMA 5-15R-HG
Over Current Protection
1 X THERMAL, 2 POLE, ROCKER
Shipping Weight
22.20 lbs
Total Harmonic Distortion
Less than 1%
Transformer Type
Medical-grade, low impedance transformer-based line isolation transformer
Unit Dimensions (HWD/in.)
5.75 x 6.25 x 9.25
VA / Watt Capacity
500
INPUT
Input cord length (ft.)
10
Input cord length (m)
3.05
PHYSICAL
Unit Dimensions (HWD/in)
5.75 x 6.25 x 9.25
Unit Dimensions (HWD/cm)
14.61 x 15.88 x 23.50
Cooling method
Convection
CERTIFICATIONS
Certifications
Tested to UL60601-1
2 / 3


Similar Part No. - IS500HG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS500 ETC2-IS500 Datasheet
512Kb / 4P
   Isolation Transformer-Based Power Conditioner - Superior line noise reduction and spike suppression
More results

Similar Description - IS500HG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS1800HG ETC2-IS1800HG Datasheet
519Kb / 4P
   Isolation Transformer - Medical Grade line noise reduction and spike suppression
IS1000HG ETC2-IS1000HG Datasheet
511Kb / 4P
   Isolation Transformer - Medical Grade line noise reduction and spike suppression
IS250HG ETC2-IS250HG Datasheet
524Kb / 4P
   Isolation Transformer - Medical Grade line noise reduction and spike suppression
IS500 ETC2-IS500 Datasheet
512Kb / 4P
   Isolation Transformer-Based Power Conditioner - Superior line noise reduction and spike suppression
logo
NXP Semiconductors
SAA4994H PHILIPS-SAA4994H Datasheet
147Kb / 40P
   Field and line rate converter with noise reduction
2001 Nov 23
SAA4992H PHILIPS-SAA4992H Datasheet
131Kb / 36P
   Field and line rate converter with noise reduction
2000 Feb 04
SAA4993H PHILIPS-SAA4993H Datasheet
148Kb / 40P
   Field and line rate converter with noise reduction
2001 Nov 23
logo
List of Unclassifed Man...
ISOBAR4220 ETC2-ISOBAR4220 Datasheet
493Kb / 4P
   Isobar Surge Suppressor - Premium surge, spike and line noise protection
EURO-4 ETC2-EURO-4 Datasheet
497Kb / 4P
   Isobar Surge Suppressor - Premium surge, spike and line noise protection
logo
MPS Industries, Inc.
M2001 MPSIND-M2001 Datasheet
164Kb / 1P
   MEDICAL GRADE POWER TRANSFORMER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com