Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMART500RT1U Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMART500RT1U
Description  SmartPro .5kVA Line-Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB, Serial, EPO, 120V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART500RT1U Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMART500RT1U Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART500RT1U Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART500RT1U Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART500RT1U Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART500RT1U Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART500RT1U Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SmartPro .5kVA Line-Interactive UPS,
SNMPWEBCARD option, 1U Rack/Tower, USB,
Serial, EPO, 120V
MODEL NUMBER: SMART500RT1U
Description
Tripp Lite's SMART500RT1U intelligent, line-interactive rack/tower uninterruptible power supply prevents data
loss, downtime and equipment damage due to power outages, voltage fluctuations and transient surges.
Requires only one rack space (1U) in a 2 or 4 post rack, with included accessories for upright tower placement. Large internal batteries offer 14.6 minutes half
load runtime and 3.2 minutes at full load. Maintains regulated 120V nominal output without using battery power during brownouts as low as 90V. 500VA/300
watt power handling capability is compatible with networking, telecom and other sensitive electronic applications. Includes 6 UPS supported outlets with a
single outlet load bank that can be individually controlled via software interface to reboot select equipment on demand or shed less significant loads to extend
battery runtime for more critical equipment. Includes 1 surge-only outlet for peripherals not requiring battery backup.
Supports simultaneous remote monitoring of UPS and site power conditions via built-in USB and DB9 monitoring ports. Includes PowerAlert UPS monitoring
and unattended shutdown software with complete cabling. Built-in accessory slot supports SNMP with optional SNMPWEBCARD adapter. Emergency Power
Off (EPO) interface offers option for instantaneous power-off of UPS and connected equipment in the case of fire or emergency situation. Multi-function audible
alarms and set of 5 front panel LEDs offer at-a-glance notification of UPS and line power status. Network-grade AC surge suppression protects equipment
from damage and performance problems resulting from transient surges and line noise. Attractive all-black color scheme.
Features
Tripp Lite SMART500RT1U .5 kVA / 500VA / 300 watt line interactive UPS
1U rack / tower compatible form factor
NEMA 5-15P input connection; 7 NEMA 5-15R output receptacles
Installed depth of only 11.8 in / 29.8 cm
Large internal batteries offer runtimes of 14.6 minutes at half load (250VA/150 watts) and 3.2 minutes at full load (500VA/300 watts)
Maintains regulated 120V nominal output during brownouts as low as 90V
Includes 6 UPS-supported outlets and 1 surge-only outlet
One of the UPS supported outlets is switched for remote load shedding or rebooting of an individual device
PowerAlert UPS monitoring software enables detailed site power and UPS status updates with support for unattended shutdown of connected systems
Highlights
500VA line-interactive 1U
rack/tower UPS
120V nominal output during
brownouts as low as 90V
USB, RS232, EPO and optional
SNMP/Web card are available
for simultaneous use
Front panel status LEDs; 1
switched output load bank
NEMA 5-15P input; 7 NEMA
5-15R outlets
Package Includes
SMART500RT1U UPS System
Mounting hardware
Cabling for USB & DB9
monitoring and EPO switching
PowerAlert unattended shutdown
and UPS/Power monitoring
software
Instruction manual
1 / 5


Similar Part No. - SMART500RT1U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART500RT1UN TRIPPLITE-SMART500RT1UN Datasheet
177Kb / 5P
   SmartPro 120V 500VA 300W Line-Interactive UPS, 1U, WEBCARDLX, USB, DB9, 6 Outlets
SMART500RT1UTAA TRIPPLITE-SMART500RT1UTAA Datasheet
482Kb / 5P
   TAA-Compliant SmartPro 120V 500VA 300W Line-Interactive UPS, SNMP, Webcard, 1U Rack/Tower, USB, DB9 Serial
SMART500RT1U TRIPPLITE-SMART500RT1U_15 Datasheet
481Kb / 5P
   SmartPro 120V 500VA 300W Line-Interactive UPS,SNMP, Webcard, 1U Rack-Tower, USB, DB9 Serial
More results

Similar Description - SMART500RT1U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMX500RT1U ETC2-SMX500RT1U Datasheet
490Kb / 5P
   SmartPro .5kVA Line Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB
SMART3000SLT ETC2-SMART3000SLT Datasheet
509Kb / 6P
   SmartPro 3kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial, EPO 120V
SMART2200VS ETC2-SMART2200VS Datasheet
512Kb / 6P
   SmartPro 2.2kVA Line Interactive UPS, SNMPWEBCARD option, Tower, USB, Serial, 120V
SMART5000TEL3U ETC2-SMART5000TEL3U Datasheet
521Kb / 6P
   SmartPro 5kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, 3U Rack/Tower, USB
SMART1000RM2U ETC2-SMART1000RM2U Datasheet
516Kb / 7P
   SmartPro 1kVA 800W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
SMART2200RM2U ETC2-SMART2200RM2U Datasheet
507Kb / 6P
   SmartPro 2.2kVA 1920W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
SMART1000RM1U ETC2-SMART1000RM1U Datasheet
488Kb / 7P
   SmartPro 1kVA 800W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 1U Rackmount, USB, RS232, EPO, 120V
SMART700DV ETC2-SMART700DV Datasheet
514Kb / 6P
   SmartPro .7kVA Line Interactive UPS SNMPWEBCARD option, Tower, USB, Serial, EPO, 120/230V input, 120V output - enhanced runtime version
SMART1500SLT ETC2-SMART1500SLT Datasheet
517Kb / 7P
   SmartPro 1.5kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial
SMX750SLT ETC2-SMX750SLT Datasheet
501Kb / 6P
   SmartPro .75kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com