Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMART3000VS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMART3000VS
Description  SmartPro 3kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower, USB, Serial, 120V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART3000VS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMART3000VS Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART3000VS Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART3000VS Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART3000VS Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART3000VS Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART3000VS Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART3000VS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SmartPro 3kVA Line Interactive UPS, Extended-run
& SNMPWEBCARD options, Tower, USB, Serial,
120V
MODEL NUMBER: SMART3000VS
Description
Tripp Lite's SMART 3000VS intelligent, line interactive UPS with expandable runtime protects server, networking and telecommunications equipment from
blackouts, voltage fluctuations and transient surges. Small footprint, tower UPS system occupies only 106 square inches of floorspace with a height of only
14.25 inches. Large capacity 3000 VA/2250 watt rated UPS system offers 4 minutes runtime at full load and 14 minutes at half load during power failures.
Runtime is expandable with optional external battery packs. Line interactive voltage regulation corrects brownouts as low as 79V and overvoltages as high as
147V to fully regulated 120V nominal output for smooth continuous operation of connected equipment. Includes a total of 10 outlets, 3 of which can be
individually powered off and back on via software interface to selectively reboot remote equipment or shed less critical loads to extend battery runtime for more
critical loads. Includes slot for internal SNMPWEBCARD, plus 2 DB9 and 2 USB enhanced monitoring ports for unattended shutdown, remote control and
monitoring of UPS system and power data. Ships in attractive gray color scheme. Compatible with Tripp Lite's PowerAlert and Watchdog service software.
Features
3000VA/2250 watt output capacity accommodates a variety of server, networking and telecom devices
High power density 3kVA UPS system occupies only 106 square inches of floorspace with a height of only 14.25 inches
Compatible with North American 120V/60 Hz power as found in the USA, Canada and Mexico
Offers 4 minutes runtime with a full load of 3000VA and 14 minutes with a half load of 1500VA
Runtime is expandable with BP48V24-2U (limit 1), BP48V60RT-3U (multi-pack compatible) and BP48V27-2US (multi-pack compatible) external battery
packs
Line interactive voltage regulation corrects severe brownouts and overvoltages from 79 to 147v back to normal 120v levels without using battery power
10 total outlets (7 NEMA5-15R; 2 NEMA5-15/20R; 1 L5-30R)
Includes NEMA L5-30P locking 30 amp input plug connection
Notification of system status via 5 LEDs and multi-function audible alarms
Included PowerAlert Software provides e-mail notification of power problems and the simultaneous automatic unattended shutdown of multiple servers
4 built-in communications ports (2-DB9, 2-USB) for remote monitoring and unattended shutdown
Slot for SNMP/web card (part#: SNMPWEBCARD) and environmental sensor (part#: ENVIROSENSE) for remote communications in large IP
environments
Highlights
3kVA / 3000VA line interactive
tower UPS system
120V nominal output during
brownouts to 79V and
overvoltages to 147V
Front panel status LEDs with
load and battery capacity level
display
USB, RS232, EPO and optional
SNMP/Web card are available
for simultaneous use
NEMA L5-30P input; 7 NEMA
5-15R, 2 5-15/20R & 1 L5-30R
outlets
Package Includes
SMART 3000VS UPS System,
PowerAlert Software and cabling,
Instruction manual
1 / 6


Similar Part No. - SMART3000VS

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART3000VSTAA TRIPPLITE-SMART3000VSTAA Datasheet
530Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive UPS, Extended Run, SNMP,Webcard, Tower, 120V, USB, DB9 Serial
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
More results

Similar Description - SMART3000VS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART3000NET ETC2-SMART3000NET Datasheet
514Kb / 6P
   SmartPro 3kVA Line Interactive UPS, Extended-run option, Tower, Serial, 120V
SMART2200VSXL ETC2-SMART2200VSXL Datasheet
516Kb / 7P
   SmartPro 2.2kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower
logo
Tripp Lite. All Rights ...
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
logo
List of Unclassifed Man...
SMART3000RM2U ETC2-SMART3000RM2U Datasheet
513Kb / 7P
   SmartPro 3kVA 2250W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
SMART1500XL ETC2-SMART1500XL Datasheet
510Kb / 7P
   SmartPro 1.5kVA Line Interactive UPS Extended-run option, Tower, USB, Serial, 120V
SMART3000SLT ETC2-SMART3000SLT Datasheet
509Kb / 6P
   SmartPro 3kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial, EPO 120V
SMART2200VS ETC2-SMART2200VS Datasheet
512Kb / 6P
   SmartPro 2.2kVA Line Interactive UPS, SNMPWEBCARD option, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART1500XL TRIPPLITE-SMART1500XL_15 Datasheet
502Kb / 5P
   SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Extended Run, Tower, USB, DB9 Serial
SMART3000NET TRIPPLITE-SMART3000NET_15 Datasheet
508Kb / 4P
   SmartPro 120V 3kVA 2.4kW Line-Interactive UPS,Extended Run, Tower, 3-DB9 ports
SMART3000VSTAA TRIPPLITE-SMART3000VSTAA Datasheet
530Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive UPS, Extended Run, SNMP,Webcard, Tower, 120V, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com