Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TKS-P20-CV01-002-DX Datasheet(PDF) 2 Page - AAEON Technology

Part # TKS-P20-CV01-002-DX
Description  Din Rail Fanless Embedded Box For PICO-CV01
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TKS-P20-CV01-002-DX Datasheet(HTML) 2 Page - AAEON Technology

  TKS-P20-CV01-002-DX Datasheet HTML 1Page - AAEON Technology TKS-P20-CV01-002-DX Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
14-22
Dimension
Unit: mm
Part Number
CPU
RAM
Cooler
Storage
Display Combination
LAN
USB
RS-232
RS-232/422/485
DIO
Expansion Slot
Power
TKS-P20-CV01-001-DX
Intel® Atom™ N2600
SODIMM DDR3
Fanless
mSATA
Mini HDMI, VGA
1
5
1
1
4 bits
mSATA
12V DC ATX
TKS-P20-CV01-002-DX
Intel® Atom™ N2600
SODIMM DDR3
Fanless
mSATA
Mini HDMI, VGA
1
5
1
1
4 bits
mSATA
7-30V DC ATX
TKS-P20-CV01
Ordering Information
Optional Accessories
Packing List
1702031802
Power Cord (US Type)
1702031803
Power Cord (European Type)
170203180E
Power Cord (Japanese Type)
9741681003
DIN Rail Mounting Kit
1757904002
40W AC Adapter
9761P20000
Wall Mount Kit
Product CD
TKS-P20-CV01


Similar Part No. - TKS-P20-CV01-002-DX

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TKS-E21-HD07 AAEON-TKS-E21-HD07 Datasheet
341Kb / 2P
   Fanless Embedded Box for EPIC-HD07
TKS-E21-HD07-HD-T40N-A10 AAEON-TKS-E21-HD07-HD-T40N-A10 Datasheet
341Kb / 2P
   Fanless Embedded Box for EPIC-HD07
TKS-E21-HD07-HD-T56N-A10 AAEON-TKS-E21-HD07-HD-T56N-A10 Datasheet
341Kb / 2P
   Fanless Embedded Box for EPIC-HD07
TKS-E21-HD07-MS-T40N-A10 AAEON-TKS-E21-HD07-MS-T40N-A10 Datasheet
341Kb / 2P
   Fanless Embedded Box for EPIC-HD07
TKS-E21-HD07-MS-T56N-A10 AAEON-TKS-E21-HD07-MS-T56N-A10 Datasheet
341Kb / 2P
   Fanless Embedded Box for EPIC-HD07
More results

Similar Description - TKS-P20-CV01-002-DX

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
RBOX120-2COM AXIOMTEK-RBOX120-2COM_17 Datasheet
575Kb / 2P
   Robust Din-rail Fanless Embedded System
RBOX310-4COM AXIOMTEK-RBOX310-4COM Datasheet
714Kb / 2P
   Robust Din-rail Fanless Embedded System
RBOX120-2COM AXIOMTEK-RBOX120-2COM Datasheet
581Kb / 2P
   Robust Din-rail Fanless Embedded System
logo
AAEON Technology
TKS-G20-9310 AAEON-TKS-G20-9310 Datasheet
331Kb / 2P
   Fanless Embedded Box For GENE-9310
TKS-G20-9455 AAEON-TKS-G20-9455 Datasheet
330Kb / 2P
   Fanless Embedded Box for GENE-9455
TKS-G20-LN05 AAEON-TKS-G20-LN05 Datasheet
292Kb / 2P
   Fanless Embedded Box for GENE-LN05
TKS-G21-CV05 AAEON-TKS-G21-CV05 Datasheet
350Kb / 2P
   Fanless Embedded Box for GENE-CV05
TKS-E21-HD07 AAEON-TKS-E21-HD07 Datasheet
341Kb / 2P
   Fanless Embedded Box for EPIC-HD07
TKS-G30-5315B AAEON-TKS-G30-5315B Datasheet
391Kb / 2P
   Fanless Embedded Box for GENE-5315 Rev.B
logo
Axiomtek Co., Ltd.
ICO310 AXIOMTEK-ICO310 Datasheet
336Kb / 2P
   Robust Din-rail Fanless Embedded System with Intel Celeron
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com