Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM31RL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SM31RL
Description  Self-contained photoelectric sensors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM31RL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SM31RL Datasheet HTML 1Page - List of Unclassifed Manufacturers SM31RL Datasheet HTML 2Page - List of Unclassifed Manufacturers SM31RL Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Installation
Guide
MINI-BEAM® dc-Voltage Series
Sensor Features
(shown with gasketed acrylic cover removed)
Gain (Sensitivity) Adjustment Screw
Alignment Indicator Device (AID)*
Light/Dark Operate Select Switch
Clockwise: Light Operate
(outputs conduct when sensing
light is received).
Counterclockwise: Dark Operate
(outputs conduct when sensing
light is not received).
*U.S. Patent no. 4356393
NOTE: Please observe proper ESD precautions (grounding)
when adjusting gain pot or LO/DO switch.
Models with suffix E, EL, EPD, R, RL, RPD, LV, LVAG, LP,
D, C, C2, CV, CV2, CVG, CV2G, CVB, and CV2B
12.2 mm (0.48")
Mounting Peg
(ø 6.3 mm x 2.5 mm)
ø 3 mm Clearance (2)
M18 x 1 x 15 mm Thread
(Mounting Nut Supplied)
3.2 mm (0.13")
53.3 mm (2.10")
27.4 mm (1.08")
30.7 mm
(1.21")
24.1 mm
(0.95")
2 m (6.5') Cable
19.1 mm (0.75")
18.0 mm (0.71")
ø 3 mm Clearance (2)
Bezel
39.1 mm
(1.54")
13.2 mm (0.52")
Models with suffix DBZ and W
M18 x 1 x 19 mm Thread
(Mounting Nut Supplied)
57.5 mm (2.27")
31.2 mm (1.23")
Fiber Optic Fitting
Models with suffix F, FV, FVB, and FVG
Models with suffix FP, FPB, FPG, and FPH
42.1 mm
(1.66")
Fiber
Optic
Fitting
22.3 mm
(0.88")
12.2 mm (0.48")
Mounting Peg
(ø 6.3 mm x 2.5 mm)
ø 3 mm Clearance (2)
3.2 mm (0.13")
30.7 mm
(1.21")
24.1 mm
(0.95")
2 m (6.5') Cable
19.1 mm
(0.75")
16.2 mm
(0.64")
Dimensions
QD Models
20.0 mm
(0.79")
12 mm Thread
Quick-disconnect


Similar Part No. - SM31RL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM31RL ETC2-SM31RL Datasheet
353Kb / 8P
   Self-contained DC-operated Opposed Mode Sensors
SM31RL ETC2-SM31RL Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM31RL ETC2-SM31RL Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM31RL ETC2-SM31RL Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
logo
Banner Engineering Corp...
SM31RL BANNER-SM31RL Datasheet
1Mb / 4P
   Laser Diode Emitter
More results

Similar Description - SM31RL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
   Miniature self-contained photoelectric sensors in universal housing
logo
List of Unclassifed Man...
QS18VP6DQ5 ETC2-QS18VP6DQ5 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
SBF1 ETC2-SBF1 Datasheet
161Kb / 5P
   Compact modular self-contained photoelectric sensing controls
MQDC-315 ETC2-MQDC-315 Datasheet
257Kb / 8P
   Self-contained AC-operated Convergent Mode Sensors
SM312DQD ETC2-SM312DQD Datasheet
315Kb / 8P
   Self-contained DC-operated Diffuse Mode Sensors
SM31E ETC2-SM31E Datasheet
353Kb / 8P
   Self-contained DC-operated Opposed Mode Sensors
logo
Analog Devices
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com