Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6T47AY Datasheet(PDF) 10 Page - STMicroelectronics

Part # SM6T47AY
Description  Automotive 600 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T47AY Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SM6T47AY Datasheet HTML 4Page - STMicroelectronics SM6T47AY Datasheet HTML 5Page - STMicroelectronics SM6T47AY Datasheet HTML 6Page - STMicroelectronics SM6T47AY Datasheet HTML 7Page - STMicroelectronics SM6T47AY Datasheet HTML 8Page - STMicroelectronics SM6T47AY Datasheet HTML 9Page - STMicroelectronics SM6T47AY Datasheet HTML 10Page - STMicroelectronics SM6T47AY Datasheet HTML 11Page - STMicroelectronics SM6T47AY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Ordering information
SM6TY
10/12
Doc ID 17741 Rev 3
5
Ordering information
Table 4.
Marking
Order code
Marking
Order code
Marking
SM6T6V8AY
DEY
SM6T6V8CAY
LEY
SM6T7V5AY
DGY
SM6T7V5CAY
LGY
SM6T10AY
DPY
SM6T10CAY
LPY
SM6T12AY
DTY
SM6T12CAY
LTY
SM6T15AY
DXY
SM6T15CAY
LXY
SM6T18AY
EEY
SM6T18CAY
MEY
SM6T22AY
EKY
SM6T22CAY
MKY
SM6T24AY
EMY
SM6T24CAY
MMY
SM6T27AY
EPY
SM6T27CAY
MPY
SM6T30AY
ERY
SM6T30CAY
MRY
SM6T33AY
ETY
SM6T33CAY
MTY
SM6T36AY
EVY
SM6T36CAY
MVY
SM6T39AY
EXY
SM6T39CAY
MXY
SM6T42AY
FBY
SM6T42CAY
NAY
SM6T47AY
FAY
SM6T47CAY
NBY
SM6T56AY
FLY
SM6T56CAY
NLY
SM6T68AY
FQY
SM6T68CAY
NQY
SM6T75AY
FSY
SM6T75CAY
NSY
SM6T82AY
FWY
SM6T82CAY
NWY
Table 5.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
SM6TxxxAy/CAy(1)
1.
Where xxx is nominal value of VBR and A or CA indicates unidirectional or bidirectional version. See
Table 2 for list of available devices and their order codes
See Table 4 on page 10
SMB
0.11 g
2500
Tape and reel


Similar Part No. - SM6T47AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6T47AY STMICROELECTRONICS-SM6T47AY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T47AY STMICROELECTRONICS-SM6T47AY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T47AY STMICROELECTRONICS-SM6T47AY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T47AY STMICROELECTRONICS-SM6T47AY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T47AY/CAY STMICROELECTRONICS-SM6T47AY/CAY Datasheet
155Kb / 11P
   Automotive 600 W Transil
More results

Similar Description - SM6T47AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
   Automotive 600 W Transil
SM6T250CAY STMICROELECTRONICS-SM6T250CAY Datasheet
238Kb / 9P
   Automotive 600 W Transil
SM6T33CAY STMICROELECTRONICS-SM6T33CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T30CAY STMICROELECTRONICS-SM6T30CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T22CAY STMICROELECTRONICS-SM6T22CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SMA6T15CAY STMICROELECTRONICS-SMA6T15CAY Datasheet
331Kb / 11P
   Automotive 600 W Transil in SMA package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com