Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD30N03S2L07 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPD30N03S2L07
Description  OptiMOSa Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD30N03S2L07 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPD30N03S2L07 Datasheet HTML 1Page - Infineon Technologies AG SPD30N03S2L07 Datasheet HTML 2Page - Infineon Technologies AG SPD30N03S2L07 Datasheet HTML 3Page - Infineon Technologies AG SPD30N03S2L07 Datasheet HTML 4Page - Infineon Technologies AG SPD30N03S2L07 Datasheet HTML 5Page - Infineon Technologies AG SPD30N03S2L07 Datasheet HTML 6Page - Infineon Technologies AG SPD30N03S2L07 Datasheet HTML 7Page - Infineon Technologies AG SPD30N03S2L07 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2005-02-14
Rev. 2.1
Page 1
OptiMOS® Power-Transistor
Product Summary
VDS
30
V
RDS(on)
6.7
m
ID
30
A
Feature
• N-Channel
• Enhancement mode
• Logic Level
• Excellent Gate Charge x R
DS(on) product (FOM)
Superior thermal resistance
• 175°C operating temperature
• Avalanche rated
• dv/dt rated
PG-TO252-3-11
Marking
2N03L07
Type
Package
Ordering Code
SPD30N03S2L-07 PG-TO252-3-11 Q67042-S4091
Maximum Ratings, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Continuous drain current1)
TC=25°C
ID
30
30
A
Pulsed drain current
TC=25°C
ID puls
120
Avalanche energy, single pulse
ID=30 A , VDD=25V, RGS=25Ω
EAS
250
mJ
Repetitive avalanche energy, limited by Tjmax2)
EAR
13
Reverse diode dv/dt
IS=30A, VDS=24V, di/dt=200A/µs, Tjmax=175°C
dv/dt
6
kV/µs
Gate source voltage
VGS
±20
V
Power dissipation
TC=25°C
Ptot
136
W
Operating and storage temperature
Tj , Tstg
-55... +175
°C
IEC climatic category; DIN IEC 68-1
55/175/56
SPD30N03S2L-07


Similar Part No. - SPD30N03S2L07

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SPD30N03S2L07T VBSEMI-SPD30N03S2L07T Datasheet
1,020Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SPD30N03S2L07

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
   POWER TRANSISTOR
logo
Shindengen Electric Mfg...
2SC1470 SHINDENGEN-2SC1470 Datasheet
39Kb / 1P
   POWER TRANSISTOR
logo
DAESAN ELECTRONIC CORP.
E13001TO-92 DAESAN-E13001TO-92 Datasheet
428Kb / 2P
   POWER TRANSISTOR
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
   POWER TRANSISTOR
1995
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
   Power Transistor
logo
Rohm
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
   Power Transistor
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
   Power transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
   Power Transistor
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
   Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
   Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com