Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMART1000RM2U Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMART1000RM2U
Description  SmartPro 1kVA 800W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1000RM2U Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMART1000RM2U Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1000RM2U Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1000RM2U Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1000RM2U Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1000RM2U Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1000RM2U Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART1000RM2U Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Ships with 4 post rackmount installation hardware; Optional 2POSTRMKITWM enables 2 post rackmount/wallmount installation; Optional 2-9USTAND
enables tower placement
Built-in USB, RS-232 and optional SNMPWEBCARD accessory monitoring options
HID-compliant USB interface enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
Included PowerAlert UPS monitoring software; Built-in Emergency Power Off (EPO) interface with cable
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1000
Output kVA capacity (kVA)
1.0
Output Watt Capacity (watts)
800
Output power factor
0.8
Nominal Output Voltage(s)
Supported
120V
Frequency compatibility
60 Hz
Output voltage regulation (line mode)
-21%, +8%
Output voltage regulation (Battery
mode)
+/- 5%
Built-in UPS output receptacles
6 5-15R outlet(s)
Built-in controllable switched load
banks
Two switchable two-outlet 5-15R load banks
Output AC waveform (AC mode)
Sine wave
Output AC waveform (battery mode)
Pure Sine wave
INPUT
Rated input current (at maximum
load)
9.2A
Nominal Input Voltage(s) Supported
120V AC
UPS input connection type
5-15P
Input circuit breaker
15A
UPS Input cord length (ft.)
10
UPS Input cord length (m)
3
Recommended Electrical Service
15A 120V
Phase
Single-Phase
BATTERY
Full load runtime (minutes)
5.3 min. (800w)
2 / 6


Similar Part No. - SMART1000RM2U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART1000RM2UL TRIPPLITE-SMART1000RM2UL Datasheet
173Kb / 5P
   SmartPro UPS, Lithium Battery Backup - 120V, 1kVA, 800W, Line Interactive, 2U, Sine Wave, LCD, 6 Outlets
SMART1000RM2UN TRIPPLITE-SMART1000RM2UN Datasheet
182Kb / 6P
   SmartPro 120V 1000VA 800W Line-Interactive Sine Wave UPS, 2U, WEBCARDLX, LCD, USB, DB9, 6 Outlets
SMART1000RM2U TRIPPLITE-SMART1000RM2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack, USB, DB9 Serial, LCD
More results

Similar Description - SMART1000RM2U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART1000RM1U ETC2-SMART1000RM1U Datasheet
488Kb / 7P
   SmartPro 1kVA 800W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 1U Rackmount, USB, RS232, EPO, 120V
SMART2200RM2U ETC2-SMART2200RM2U Datasheet
507Kb / 6P
   SmartPro 2.2kVA 1920W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
SMART3000SLT ETC2-SMART3000SLT Datasheet
509Kb / 6P
   SmartPro 3kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial, EPO 120V
SMART3000RM2U ETC2-SMART3000RM2U Datasheet
513Kb / 7P
   SmartPro 3kVA 2250W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
logo
Tripp Lite. All Rights ...
SMART1000RM2U TRIPPLITE-SMART1000RM2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack, USB, DB9 Serial, LCD
logo
List of Unclassifed Man...
SMART1500RM2U ETC2-SMART1500RM2U Datasheet
516Kb / 7P
   SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower
SMART500RT1U ETC2-SMART500RT1U Datasheet
485Kb / 6P
   SmartPro .5kVA Line-Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB, Serial, EPO, 120V
SMART5000TEL3U ETC2-SMART5000TEL3U Datasheet
521Kb / 6P
   SmartPro 5kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, 3U Rack/Tower, USB
logo
Tripp Lite. All Rights ...
SMC1000T TRIPPLITE-SMC1000T Datasheet
523Kb / 4P
   SmartPro 100-110-120V 1kVA 650W Line Interactive Sine Wave UPS, Tower, USB, RS232
logo
List of Unclassifed Man...
SMART1500SLT ETC2-SMART1500SLT Datasheet
517Kb / 7P
   SmartPro 1.5kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com