Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMART1500CRMXL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMART1500CRMXL
Description  SmartPro 1.5kVA 1440W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1500CRMXL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMART1500CRMXL Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1500CRMXL Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1500CRMXL Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1500CRMXL Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1500CRMXL Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1500CRMXL Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART1500CRMXL Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SmartPro 1.5kVA 1440W Line Interactive Sine Wave
UPS, Extended-run & SNMPWEBCARD options, 2U
Rack/Tower, USB, RS232, EPO, 120V
MODEL NUMBER: SMART1500CRMXL
Description
Tripp Lite's SmartPro Compact Rackmount Uninterruptible Power Supply (UPS) offers line interactive voltage
regulation, network grade surge suppression and long lasting battery support for critical network hardware during
blackouts and extended power failures. Larger internal batteries and higher rated wattage makes these systems
ideal for network and telecom wiring closets and other limited-space installations. Runtime is expandable with
optional BP48V48RT4U and BP48V24-2U reduced-depth external battery packs.
SMART1500CRMXL 2U rackmount 1500VA/1440 watt UPS offers battery-derived sine wave AC output during
power failures and extreme voltage variations. Line interactive Automatic Voltage Regulation (AVR) provides two levels of voltage boost during brownouts and
one level of voltage cut during overvoltage conditions to maintain regulated 120V nominal output over an input range of 83-145V. Includes NEMA 5-15P input
plug and NEMA 5-15R output receptacles. Network management interfaces support simultaneous communications via USB port, DB9 serial port and optional
SNMP/Web management accessory card slot. Optional SNMPWEBCARD offers remote management and control of the UPS via direct network connection.
Additional ENVIROSENSE accessory, when used in conjunction with SNMPWEBCARD reports temperature, humidity and status of up to two directly
connected contact closure sensors. HID-compliant USB interface enables full integration with built-in power management and auto shutdown features of
Windows and Mac OS X. Supports detailed monitoring of equipment load levels, self-test data and utility power conditions via all 3 network interfaces at once.
Includes PowerAlert monitoring software with USB and serial cables. Emergency Power Off (EPO) interface. Integrated 3-bank programmable PDU switching
supports load shedding and remote-reboot of up to 3 individual connected devices. 3-stage metered current monitoring and battery charge status LEDs. Utility
power and voltage regulation LEDs. Audible alarm. Self-test. 4-post rackmount accessories included; 2-9USTAND tower stands and 2POSTRMKITWM 2 post
rackmount kit available. Field-replaceable, hot-swappable internal batteries and external battery packs. Attractive all-black color scheme.
Features
Tripp Lite's SmartPro Compact Rackmount Uninterruptible Power Supply (UPS) offers line interactive voltage regulation, network grade surge
suppression and long lasting battery support for critical network hardware during blackouts and extended power failures
Larger internal batteries and higher rated wattage make these systems ideal for network and telecom wiring closets and other limited-space installations
Runtime is expandable with optional BP48V24-2U (limit 1), BP48V60RT-3U (multi-pack compatible) and BP48V27-2US (multi-pack compatible) external
battery packs
Highlights
1.5kVA / 1500VA / 1440W line
interactive 2U rack/tower UPS,
Sine Wave
120V output, Corrects brownouts
and overvotlages from 83V to
145V
0.96 Power Factor, Front panel
status LEDs
Extended runtime options up to
1440W
4 post compatible mounting
accessories
97% line-mode efficiency, 3
switched load banks
USB, RS232, EPO and slot for
SNMPWEBCARD option
120V NEMA 5-15P input, 8
NEMA 5-15R outlets
Package Includes
SmartPro compact rackmount
UPS System
4-post rackmount installation
hardware
USB and serial cabling
1 / 6


Similar Part No. - SMART1500CRMXL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART1500CRMXL TRIPPLITE-SMART1500CRMXL_15 Datasheet
490Kb / 5P
   SmartPro 120V 1.5kVA 1440W Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
More results

Similar Description - SMART1500CRMXL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART1500RMXL2UA ETC2-SMART1500RMXL2UA Datasheet
518Kb / 7P
   SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART5000RT3U ETC2-SMART5000RT3U Datasheet
523Kb / 7P
   SmartPro 5kVA Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART2600RM2U ETC2-SMART2600RM2U Datasheet
510Kb / 7P
   SmartPro 2.6kVA 1920W Line Interactive Sine Wave UPS, Extended-Run & SNMPWEBCARD options
SMART2200RMXL2U ETC2-SMART2200RMXL2U Datasheet
514Kb / 7P
   SmartPro 2.2kVA 1920W Line Interactive Sine Wave UPS, Extended-Run & SNMPWEBCARD options
SMART750RMXL2U ETC2-SMART750RMXL2U Datasheet
516Kb / 7P
   SmartPro .75kVA 600W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART2200VSXL ETC2-SMART2200VSXL Datasheet
516Kb / 7P
   SmartPro 2.2kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower
SMART1500SLT ETC2-SMART1500SLT Datasheet
517Kb / 7P
   SmartPro 1.5kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial
logo
Tripp Lite. All Rights ...
SMART1500CRMXL TRIPPLITE-SMART1500CRMXL_15 Datasheet
490Kb / 5P
   SmartPro 120V 1.5kVA 1440W Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART1500RM2U ETC2-SMART1500RM2U Datasheet
516Kb / 7P
   SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower
SMART3000VS ETC2-SMART3000VS Datasheet
512Kb / 7P
   SmartPro 3kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower, USB, Serial, 120V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com