Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1775A Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SC1775A
Description  Silicon NPN Epitaxial
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC1775A Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC1775A Datasheet HTML 1Page - Hitachi Semiconductor 2SC1775A Datasheet HTML 2Page - Hitachi Semiconductor 2SC1775A Datasheet HTML 3Page - Hitachi Semiconductor 2SC1775A Datasheet HTML 4Page - Hitachi Semiconductor 2SC1775A Datasheet HTML 5Page - Hitachi Semiconductor 2SC1775A Datasheet HTML 6Page - Hitachi Semiconductor 2SC1775A Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SC1775, 2SC1775A
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
2SC1775
2SC1775A
Unit
Collector to base voltage
V
CBO
90
120
V
Collector to emitter voltage
V
CEO
90
120
V
Emitter to base voltage
V
EBO
55V
Collector current
I
C
50
50
mA
Collector power dissipation
P
C
300
300
mW
Junction temperature
Tj
150
150
°C
Storage temperature
Tstg
–55 to +150
–50 to +150
°C
Electrical Characteristics (Ta = 25°C)
2SC1775
2SC1775A
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Collector to emitter
breakdown voltage
V
(BR)CEO
90
120
V
I
C = 1 mA, RBE = ∞
Collector cutoff current
I
CBO
0.5
µAV
CB = 75 V, IE = 0
——
——
0.5
µAV
CB = 100 V, IE = 0
DC current transfer ratio h
FE1*
1
400
1200 400
1200
V
CE = 12 V, IC = 2 mA
h
FE2
160
160
V
CE = 12 V,
I
C = 0.1 mA
Base to emitter voltage
V
BE
0.75
0.75
V
V
CE = 12 V, IC = 2 mA
Collector to emitter
saturation voltage
V
CE(sat)
0.5
0.5
V
I
C = 10 mA, IB = 1 mA
Gain bandwidth product f
T
200
200
MHz
V
CE = 12 V, IC = 2 mA
Collector output
capacitance
Cob
1.6
1.6
pF
V
CB = 25 V, IE = 0,
f = 1 MHz
Noise figure
NF
5.0
5.0
dB
V
CE = 6 V,
I
C = 50 µA,
R
g = 50 kΩ
f = 10
Hz
1.5
1.5
dB
f = 1
kHz
Note:
1. The 2SC1775/A is grouped by h
FE1 as follows.
EF
400 to 800
600 to 1200


Similar Part No. - 2SC1775A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1775A RENESAS-2SC1775A Datasheet
174Kb / 6P
   Silicon NPN Epitaxial
logo
List of Unclassifed Man...
2SC1775A ETC1-2SC1775A Datasheet
192Kb / 3P
   TRANSISTOR
logo
Renesas Technology Corp
2SC1775AETZ RENESAS-2SC1775AETZ Datasheet
174Kb / 6P
   Silicon NPN Epitaxial
2SC1775AFTZ RENESAS-2SC1775AFTZ Datasheet
174Kb / 6P
   Silicon NPN Epitaxial
More results

Similar Description - 2SC1775A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com