Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5273ZI-50-GT3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT5273ZI-50-GT3
Description  Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5273ZI-50-GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT5273ZI-50-GT3 Datasheet HTML 1Page - ON Semiconductor CAT5273ZI-50-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5273ZI-50-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5273ZI-50-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5273ZI-50-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5273ZI-50-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5273ZI-50-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5273ZI-50-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5273ZI-50-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CAT5271, CAT5273
http://onsemi.com
4
Table 4. CAPACITANCE
TA = 25C, f = 1.0 MHz, VDD = 5 V
Symbol
Test
Conditions
Max
Units
CI/O
(Note 11)
Input/Output Capacitance (SDA, SCL)
VI/O = 0 V
8
pF
Table 5. POWER UP TIMING (Notes 11 and 12)
Symbol
Parameter
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
11. This parameter is tested initially and after a design or process change that affects the parameter.
12.tPUR and t PUW are delays required from the time VCC is stable until the specified operation can be initiated.
Table 6. DIGITAL POTENTIOMETER TIMING
Symbol
Parameter
Min
Max
Units
tWRPO
Wiper Response Time After Power Supply Stable
50
ms
tWR
Wiper Response Time: SCL falling edge after last bit of wiper position data byte to
wiper change
20
ms
Table 7. A.C. CHARACTERISTICS
VDD = +2.7 V to +5.5 V, −40C to +85C unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
fSCL
Clock Frequency
400
kHz
tHIGH
Clock High Period
600
ns
tLOW
Clock Low Period
1300
ns
tSU:STA
Start Condition Setup Time (for a Repeated Start Condition)
600
ns
tHD:STA
Start Condition Hold Time
600
ns
tSU:DAT
Data in Setup Time
100
ns
tHD:DAT
Data in Hold Time
0
ns
tSU:STO
Stop Condition Setup Time
600
ns
tBUF
Time the bus must be free before a new transmission can start
1300
ns
tR
SDA and SCL Rise Time
300
ns
tF
SDA and SCL Fall Time
300
ns
tDH
Data Out Hold Time
100
ns
TI
Noise Suppression Time Constant at SCL, SDA Inputs
50
ns
tAA
SCL Low to SDA Data Out and ACK Out
1
ms


Similar Part No. - CAT5273ZI-50-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5270 ONSEMI-CAT5270 Datasheet
168Kb / 10P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps & I2C Compatible Interface
October, 2009 ??Rev. 3
CAT5270YI-00-GT2 ONSEMI-CAT5270YI-00-GT2 Datasheet
168Kb / 10P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps & I2C Compatible Interface
October, 2009 ??Rev. 3
CAT5270YI-50-GT2 ONSEMI-CAT5270YI-50-GT2 Datasheet
168Kb / 10P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps & I2C Compatible Interface
October, 2009 ??Rev. 3
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
CAT5271ZI-00-GT3 ONSEMI-CAT5271ZI-00-GT3 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
More results

Similar Description - CAT5273ZI-50-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5191 ONSEMI-CAT5191 Datasheet
136Kb / 11P
   256?릔osition I2C Compatible Digital Potentiometer
November, 2016 ??Rev. 0
CAT5171 ONSEMI-CAT5171_17 Datasheet
133Kb / 12P
   256?릔osition I2C Compatible Digital Potentiometer
August, 2017 ??Rev. 3
logo
Analog Devices
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171_13 Datasheet
209Kb / 12P
   256?릔osition I2C Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 2
logo
Analog Devices
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172_13 Datasheet
222Kb / 10P
   256?릔osition SPI Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 1
logo
Maxim Integrated Produc...
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com