Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3050ARZ-5 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP3050ARZ-5
Description  200 kHz, 1 A High Voltage Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3050ARZ-5 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP3050ARZ-5 Datasheet HTML 11Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 12Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 13Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 14Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 15Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 16Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 17Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 18Page - Analog Devices ADP3050ARZ-5 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
ADP3050
Rev. C | Page 15 of 20
shows the approximate unity-gain frequency of the loop. Again,
always check the design over its full operating range of input
voltage, output current, and temperature to ensure that the loop
is compensated correctly.
In addition to setting the zero location, RC also sets the high
frequency gain of the error amplifier. If this gain is too large,
output ripple voltage appears at the COMP pin (the output of
the error amplifier) with enough amplitude to interfere with
normal regulator operation. If this occurs, subharmonic switching
results (the pulse width of the switch waveform changes, even
though the output voltage stays regulated). The voltage ripple at the
COMP pin should be kept below 100 mV to prevent subharmonic
switching from occurring. The amount of ripple can be estimated
by the following formula, where gm is the error amplifier
transconductance (gm = 1250 μMho):
(
) (
)
OUT
FB
RIPPLE
C
m
RIPPLE
COMP
V
V
ESR
I
R
g
V
×
×
×
×
=
,
(10)
For example, a 12 V to 5 V, 800 mA regulator with an inductor of
L = 47 μH has IRIPPLE = 310 mA (see example from the Continuous
Mode section) if a 100 μF tantalum output capacitor with a
maximum ESR of 100 mΩ and compensation values of RC = 4 kΩ
and CC = 1 nF are used. The ripple voltage at the COMP pin is
(
) (
)
mV
2
.
37
0
.
5
20
.
1
1
.
0
310
.
0
10
4
10
1250
3
6
,
=
×
×
×
×
×
×
=
RIPPLE
COMP
V
(11)
If this ripple voltage is more than 100 mV, RC needs to be
decreased to prevent subharmonic switching. Typical values for
RC are in the range of 2 kΩ to 10 kΩ.
For output voltages greater than 5 V, it may be necessary to add
a small capacitor in parallel with R2, as shown in Figure 25.
This improves stability and transient response. For tantalum
output capacitors, the typical value for CF is 100 pF. For ceramic
output capacitors, the typical value for CF is 400 pF.
CURRENT LIMIT/FREQUENCY FOLDBACK
The ADP3050 uses a cycle-by-cycle current limit to protect the
device under fault and high stress conditions. When the current
limit is exceeded, the power switch turns off until the beginning
of the next oscillator cycle. If the voltage on the feedback pin
drops below 80% of its nominal value, the oscillator frequency
starts to decrease (see Figure 17 in the Typical Performance
Characteristics section). The frequency gradually reduces to a
minimum value of approximately 80 kHz (this minimum
occurs when the feedback voltage falls to 30% of its nominal
value). This reduces the power dissipation in the IC, the
external diode, and the inductor during short-circuit
conditions. This frequency foldback method provides complete
device fault protection without interfering with the normal
device operation.
BIAS PIN CONNECTION
To help improve efficiency, most of the internal operating
current can be drawn from the lower voltage regulated output
voltage instead of the input supply. For example, if the input
voltage is 24 V and the output voltage is 5 V, a quiescent current
of 4 mA wastes 96 mW if drawn from the input supply, but only
20 mW is drawn from the regulated 5 V output. This power
savings is most evident at high input voltages and low load
currents. The output voltage must be 3 V or higher to take
advantage of this feature.
BOOSTED DRIVE STAGE
An external capacitor and diode are used to provide the boosted
voltage needed for the special drive stage. If the output voltage is
above 4 V, connect the anode of the boost diode to the regulated
output; for output voltages less than or equal to voltages of ≤3 V,
connect it to the input supply. For some low voltage systems,
such as 5 V to 3.3 V converters, the anode of the boost diode
can be connected to either the input or output voltage. During
switch off time, the boost capacitor is charged up to the voltage
at the anode of the boost diode. When the switch turns on, this
voltage is added to the switch voltage (the boost diode is reverse-
biased), providing a voltage higher than the input supply. The
peak voltage appearing on the BOOST pin is the sum of the
input voltage and the boost voltage (either VIN + VOUT or 2 × VIN).
Ensure that this peak voltage does not exceed the BOOST pin
maximum rating of 45 V.
For most applications, a 1N4148 or 1N914 type diode can be
used with a 220 nF capacitor. A 470 nF capacitor may be needed
for output voltages between 3 V and 4 V. The boost capacitor
should have an ESR of less than 2 Ω to ensure that it is adequately
charged up during switch off time. Almost any type of film or
ceramic capacitor can be used.
START-UP/MINIMUM INPUT VOLTAGE
For most designs, the regulated output voltage provides the
boosted voltage for the drive stage. During startup, the output
voltage is 0, so there is no boosted supply for the drive stage.
To deal with this problem, the ADP3050 contains a backup drive
stage to get everything started. As the output voltage increases,
so does the boost voltage. When the boost voltage reaches approx-
imately 2.5 V, the switch drives transition smoothly from the
backup driver to the boosted driver. If the boost voltage decreases
below approximately 2.5 V, resulting in a short-circuit or
overload condition, the backup stage takes over to provide switch
drive. The minimum input voltage needed for the ADP3050 to
function correctly is about 3.6 V (this ensures proper operation of
the internal circuitry), but a small amount of headroom is needed
for all step-down regulators. The following formula gives the
approximate minimum input voltage needed for a given system,
where VSAT is the switch saturation voltage (see Figure 15 for the
appropriate value of VSAT). Figure 13 also shows the typical
minimum input voltage needed for 3.3 V and 5 V systems.


Similar Part No. - ADP3050ARZ-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
More results

Similar Description - ADP3050ARZ-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
ADP3050 AD-ADP3050 Datasheet
191Kb / 16P
   200 kHz, 1 A High-Voltage Step-Down Switching Regulator
REV. 0
ADP3050 AD-ADP3050_15 Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010MH TI1-LM5010MH Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI-LM5010A_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com