Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEM119020 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PEM119020
Description  Engineering Demonstrator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PEM119020 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PEM119020 Datasheet HTML 1Page - List of Unclassifed Manufacturers PEM119020 Datasheet HTML 2Page - List of Unclassifed Manufacturers PEM119020 Datasheet HTML 3Page - List of Unclassifed Manufacturers PEM119020 Datasheet HTML 4Page - List of Unclassifed Manufacturers PEM119020 Datasheet HTML 5Page - List of Unclassifed Manufacturers PEM119020 Datasheet HTML 6Page - List of Unclassifed Manufacturers PEM119020 Datasheet HTML 7Page - List of Unclassifed Manufacturers PEM119020 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PEM119020 Series
| Engineering Demonstrator
Datasheet No 292406 Issue 2
Page 6 of 8
04/07/2014
Reflow Soldering Profile
Figure 5. Reflow soldering profile
1. Reflow soldering should not be done more than twice
2. When soldering, do not put stress on the LEDs during heating
Soldering iron
1. When hand soldering, the temperature of the iron must be ≤+300ºC for 3 seconds
2. Hand soldering should be performed only once.
Handling Instructions
Plessey LEDs are not designed to operate with reverse bias.
Precautions are required to prevent reverse bias in applications and during handling.
Moisture Sensitivity
JEDEC Level
Floor Life
Bake
Time
Conditions
Time
Conditions
4
72 hours
≤+30
oC / 60% RH
≥24 hours
+125oC ±5oC


Similar Part No. - PEM119020

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEM11000-KIT PASTERNACK-PEM11000-KIT Datasheet
578Kb / 6P
   2.4 GHz to 2.5 GHz ISM Band Radar Demonstration Kit, USB or Bluetooth Control, GUI, Includes Radar Board, Antennas and Cables
PEM11002-KIT PASTERNACK-PEM11002-KIT Datasheet
581Kb / 6P
   2.4 GHz to 2.5 GHz ISM Band Radar Demonstration Kit, USB or Bluetooth Control, GUI, Includes Radar Board, Antennas, Cables, and Accessories
More results

Similar Description - PEM119020

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
DE9944 CMLMICRO-DE9944 Datasheet
446Kb / 3P
   SDR Demonstrator
DE9943 CMLMICRO-DE9943 Datasheet
1Mb / 2P
   SDR Demonstrator
logo
Zarlink Semiconductor I...
MV1403 ZARLINK-MV1403 Datasheet
372Kb / 18P
   PCM MACROCELL DEMONSTRATOR
logo
STMicroelectronics
UM0462 STMICROELECTRONICS-UM0462 Datasheet
942Kb / 14P
   STM32F101xx and STM32F103xx Flash loader demonstrator
logo
CML Microcircuits
ATB010 CMLMICRO-ATB010 Datasheet
310Kb / 6P
   A Compact Low-cost RF Technology Demonstrator for Design and Development
logo
Tyco Electronics
4-1437644-8 MACOM-4-1437644-8 Datasheet
17Mb / 69P
   Engineering Notes
logo
United Chemi-Con, Inc.
APSE4R0ELL561 CHEMI-CON-APSE4R0ELL561 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Molex Electronics Ltd.
190451000_SD MOLEX-190451000_SD Datasheet
502Kb / 5P
   ENGINEERING SPECIFICATION
2019 / 09 / 19
logo
Tyco Electronics
2-1437404-1 MACOM-2-1437404-1 Datasheet
17Mb / 69P
   Engineering Notes
logo
Nippon Precision Circui...
LZASERIES NPC-LZASERIES Datasheet
57Kb / 2P
   Engineering Bulletin
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com