Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC458 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC458
Description  Silicon NPN Epitaxial
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC458 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC458 Datasheet HTML 1Page - Hitachi Semiconductor 2SC458 Datasheet HTML 2Page - Hitachi Semiconductor 2SC458 Datasheet HTML 3Page - Hitachi Semiconductor 2SC458 Datasheet HTML 4Page - Hitachi Semiconductor 2SC458 Datasheet HTML 5Page - Hitachi Semiconductor 2SC458 Datasheet HTML 6Page - Hitachi Semiconductor 2SC458 Datasheet HTML 7Page - Hitachi Semiconductor 2SC458 Datasheet HTML 8Page - Hitachi Semiconductor 2SC458 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SC458 (LG), 2SC2310
3
Electrical Characteristics (Ta = 25°C)
2SC458 (LG)
2SC2310
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Collector to base
breakdown voltage
V
(BR)CBO
30
55
V
I
C = 10 µA, IE = 0
Collector to emitter
breakdown voltage
V
(BR)CEO
30
50
V
I
C = 1 mA, RBE = ∞
Emitter to base
breakdown voltage
V
(BR)EBO
5
—5
——
V
I
E = 10 µA, IC = 0
Collector cutoff current
I
CBO
0.5
0.5
µAV
CB =18 V, IE = 0
Emitter cutoff current
I
EBO
0.5
0.5
µAV
EB = 2 V, IC = 0
DC current transfer ratio h
FE*
1
100
500
100
320
V
CE = 12 V, IC = 2 mA
Collector to emitter
saturation voltage
V
CE(sat)
0.2
0.2
V
I
C = 10 mA, IB = 1 mA
Base to emitter voltage
V
BE
0.67
0.75
0.67
0.75
V
V
CE = 12 V, IC = 2 mA
Gain bandwidth product f
T
230
230
MHz
V
CE = 12 V, IC = 2 mA
Collector output
capacitance
Cob
1.8
3.5
1.8
3.5
pF
V
CB = 10 V, IE = 0,
f = 1 MHz
Noise figure
NF
3
5
3
5
dB
V
CE = 6 V, IC = 0.1 mA,
f = 120 Hz, R
g = 500 Ω
Small signal input
impedance
h
ie
16.5
16.5
k
V
CE = 5V, IC = 0.1mA,
f = 270 Hz
Small signal voltage
feedback ratio
h
re
70
——70
× 10–6
Small signal current
transfer ratio
h
fe
130
130
Small signal output
admittance
h
oe
11.0
11.0
µS
Note:
1. The 2SC458 (LG) and 2SC2310 are grouped by h
FE as follows.
BC
D
2SC458 (LG) 100 to 200
160 to 320
250 to 500
2SC2310
100 to 200
160 to 320


Similar Part No. - 2SC458

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC458 HITACHI-2SC458 Datasheet
27Kb / 6P
   Silicon NPN Epitaxial
2SC458 HITACHI-2SC458 Datasheet
47Kb / 9P
   Silicon NPN Epitaxial
logo
Hitachi Metals, Ltd
2SC458 HITACHI-METALS-2SC458 Datasheet
27Kb / 6P
   Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SC458 RENESAS-2SC458 Datasheet
182Kb / 7P
   Silicon NPN Epitaxial
logo
New Jersey Semi-Conduct...
2SC458 NJSEMI-2SC458 Datasheet
98Kb / 1P
   SILICON NPN
More results

Similar Description - 2SC458

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com