Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS25251 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS25251
Description  EPIC ULTRA HIGH IMPEDANCE ECG SENSOR ADVANCE INFORMATION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PS25251 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS25251 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS25251 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS25251 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS25251 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS25251 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS25251 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet 291766 issue 3
Plessey Semiconductors Ltd.
Design & Technology Centre, Delta 500, Delta Business Park, Great Western Way, Swindon, UK SN5 7XE
Tel: +44 1793 518000
Fax: +44 1793 518030
Web: www.plesseysemi.com
1
PS25251
EPIC Ultra High Impedance ECG Sensor
Advance Information
Data Sheet 291766 issue 3
Fig. 1 PS25251 (top and bottom)
Fig. 2 Internal circuit of EPIC ECG Sensor
Ordering Information
PS25251
Custom package
-25°C to +75°C
Plessey Semiconductors Electric
Potential
Integrated Circuit (EPIC) product line targets a
range of applications.
The PS25251 is an ultra high impedance solid
state ECG (electrocardiograph) sensor. It can
be used as a dry contact ECG sensor without
the
need
for
potentially
dangerous
low
impedance circuits across the heart. The
resolution available is as good as or better
than conventional wet electrodes.
The device uses active feedback techniques to
both lower the effective input capacitance of the
sensing element (Cin) and boost the input
resistance (Rin). These techniques are used to
realise a sensor with a frequency response
suitable for both diagnostic and monitoring ECG
applications.
FEATURES
Ultra high input resistance, typically 20G .
Dry-contact capacitive coupling.
Input capacitance as low as 15pF.
Lower -3dB point typically 200mHz.
Upper -3dB point typically 10kHz.
Operates with bipolar power supply from ±2.4V to
±5.5V.
Sensors supplied in a custom package with exposed
pins for surface mount assembly.
APPLICATIONS
Contact ECG signal detection for:
Non-critical patient monitoring
equipment.
Emergency response diagnostics.
Lifestyle sports and health products.
Suitable for long-term and remote
monitoring.


Similar Part No. - PS25251

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS25251 ETC2-PS25251 Datasheet
368Kb / 6P
   EPIC Ultra High Impedance ECG Sensor
More results

Similar Description - PS25251

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS25202 ETC2-PS25202 Datasheet
587Kb / 6P
   EPIC Ultra High Impedance ECG Sensor Advance Information
PS25204 ETC1-PS25204 Datasheet
588Kb / 6P
   EPIC ULTRA HIGH IMPEDANCE ECG SENSOR ADVANCE INFORMATION
PS25102 ETC1-PS25102 Datasheet
309Kb / 5P
   EPIC ULTRA HIGH IMPEDANCE ECG SENSOR ADVANCE INGORMATION
PS25101 ETC1-PS25101 Datasheet
304Kb / 5P
   EPIC ULTRA HIGH IMPEDANCE ECG SENSOR ADBANCE INFORMATION
PS25402 ETC1-PS25402 Datasheet
407Kb / 4P
   EPIC ULTRA HIGH IMPEDANCE MOVEMENT SENSOR ADVANCE INFORMATION
PS25451 ETC1-PS25451 Datasheet
290Kb / 5P
   EPIC ULTRA HIGH IMPEDANCE MOVEMENT SENSOR ADVANCE INFORMATION
PS25102 ETC2-PS25102 Datasheet
309Kb / 5P
   EPIC Ultra High Impedance ECG Sensor
PS25251 ETC2-PS25251 Datasheet
368Kb / 6P
   EPIC Ultra High Impedance ECG Sensor
PS25101 ETC2-PS25101 Datasheet
304Kb / 5P
   EPIC Ultra High Impedance ECG Sensor
PS25204 ETC2-PS25204 Datasheet
588Kb / 6P
   EPIC Ultra High Impedance ECG Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com